Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 109 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 109 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 105Page - National Semiconductor (TI) DP83266VF Datasheet HTML 106Page - National Semiconductor (TI) DP83266VF Datasheet HTML 107Page - National Semiconductor (TI) DP83266VF Datasheet HTML 108Page - National Semiconductor (TI) DP83266VF Datasheet HTML 109Page - National Semiconductor (TI) DP83266VF Datasheet HTML 110Page - National Semiconductor (TI) DP83266VF Datasheet HTML 111Page - National Semiconductor (TI) DP83266VF Datasheet HTML 112Page - National Semiconductor (TI) DP83266VF Datasheet HTML 113Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 152 page
background image
70 Control Information (Continued)
Indicate Notify Register (INR)
The Indicate Notify Register (INR) is used to enable attentions in the Indicate Attention Register (IAR) If a bit in Register INR is
set to One the corresponding bit in Register IAR will be applied to the Master Attention Register which can be used to generate
an interrupt to the host
All bits in this register are set to Zero upon reset
Access Rules
Address
Read
Write
115h
Always
Always
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
RES
RES
EXC0N
BRK0N
EXC1N
BRK1N
EXC2N
BRK2N
Bit
Symbol
Description
D0
BRK2N
Breakpoint on ICHN2 Notify
This bit is used to enable the BRK2 bit in Register IAR
D1
EXC2N
Exception on ICHN2 Notify
This bit is used to enable the EXC2 bit in Register IAR
D2
BRK1N
Breakpoint on ICHN1 Notify
This bit is used to enable the BRK1 bit in Register IAR
D3
EXC1N
Exception on ICHN1 Notify
This bit is used to enable the EXC1 bit in Register IAR
D4
BRK0N
Breakpoint on ICHN0 Notify
This bit is used to enable the BRK0 bit in Register IAR
D5
EXC0N
Exception on ICHN0 Notify
This bit is used to enable the EXC0 bit in Register IAR
D7 – D6
RES
Reserved
Indicate Threshold Register (ITR)
The Indicate Threshold Register (ITR) specifies the maximum number of frames that can be received on Indicate Channel 1 or
Indicate Channel 2 before an attention will be generated This register may be written only when the INSTOP bit in the State
Attention Register is set or when the Indicate Channel’s corresponding EXC bit in the Indicate Attention Register is set
This register is not altered upon reset
Access Rules
Address
Read
Write
116h
Always
INSTOP Mode or EXC e 1 Only
Register Bits
D7
D6
D5
D4
D3
D2
D1
D0
THR7
THR6
THR5
THR4
THR3
THR2
THR1
THR0
Bit
Symbol
Description
D7–D0
THR7–0
Threshold Data Bits 7 – 0
The value programmed in this register is loaded into an internal counter every
time the Indicate Channel changes Each valid frame copied on the current Channel decrements the
counter When the counter reaches Zero a status breakpoint attention is generated (ie the Channel’s
BRK bit in the Indicate Attention Register is set) if the Channel’s Breakpoint on Threshold (BOT) bit in the
Indicate Mode Register is set Loading the Indicate Threshold Register with Zero generates a breakpoint
after 256 consecutive frames are received on any one Indicate Channel
109



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com