Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 121 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 121 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 117Page - National Semiconductor (TI) DP83266VF Datasheet HTML 118Page - National Semiconductor (TI) DP83266VF Datasheet HTML 119Page - National Semiconductor (TI) DP83266VF Datasheet HTML 120Page - National Semiconductor (TI) DP83266VF Datasheet HTML 121Page - National Semiconductor (TI) DP83266VF Datasheet HTML 122Page - National Semiconductor (TI) DP83266VF Datasheet HTML 123Page - National Semiconductor (TI) DP83266VF Datasheet HTML 124Page - National Semiconductor (TI) DP83266VF Datasheet HTML 125Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 152 page
background image
70 Control Information (Continued)
NON-END FRAME STATUS
0000
Last IDUD of Queue with a Page Cross
The last available location of the ICHN’s IDUD queue was written Since
there was a page cross there was more data to be written Since there was no more IDUD space the remaining data
was not written Note that this code will not be written in an IDUDMiddle so that a Zero IS field with Zero F-L tags can
be used by software as a null descriptor
0001
Page Cross
Must be an IDUDFirst or IDUDMiddle This is part of a frame that filled up the remainder of the current
page requiring a new page for remainder of the data
0010
Header End
This refers to the last IDU of the header portion of a frame
0011
Page Cross and Header End
The occurrence of a page cross and header end
NORMAL-END FRAME STATUS
0100
Intermediate
A frame ended normally and there was no breakpoint
0101
Burst Boundary
A frame ended normally and there was a breakpoint because a burst boundary was detected
0110
Threshold
The copied frame threshold counter was reached when this frame was copied and the frame ended
normally
0111
Service Opportunity
This (normal end) frame was preceeded by a token or MACRST a MAC frame was received or
there was a ring-op change Any of these events marks a burst boundary
NO SPACE COPY ABORT
1000
Insufficient Data Space
Not all the frame was copied because there was insufficient data space This code is only
written in non-HeaderInfo Sort Mode
1001
Insufficient Header Space
The frame copy was aborted because there was insufficient header space (in HeaderInfo
Sort Mode0
1010
Successful Header Copy Frame Info Not Copied
There was sufficient space to copy the header but insufficient
data space to copy info or insufficient IDU space (on ICHN2) or both No info was copied
1011
No Info Space
The frame’s header was copied When copying the data there was insufficient data andor IDU space
ERROR
1100
FIFO Overrun
The Indicate FIFO had an overrun while copying this frame This exception is caused when the memory
interface does not allow the MACSI device to empty the data FIFO as quickly as it is being filled This frame should not
be processed because data has been lost
1101
Bad Frame
This exception is caused when the incoming frame contains an invalid data length (too short or an odd
number of symbols) or an invalid Frame Check Sequence (FCS) This implies that the frame was not a valid FDDI
frame Therefore this frame should not be processed
1110
Parity Error
This exception is caused when the MACSI device detects an internal parity error at the System Interface-
Ring Engine interface (the MRFLOW bit must be set to enable parity checking) This implies a data corruption error
within the frame Therefore this frame should not be processed
1111
Internal Error
This exception is caused when the MACSI device detects an internal hardware error (eg illegal state
machine state) in the receive logic while receiving a frame This implies that the frame data may have been corrupted
Therefore this frame should not be processed In addition the MACSI device should be reset and reinitialized
FIGURE 7-5 Indicate Status Field (IS) of IDU Descriptor
121



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com