Electronic Components Datasheet Search
  English  ▼

X  

DP83266VF Datasheet(PDF) 122 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83266VF
Description  MACSITM Device (FDDI Media Access Controller and System Interface)
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83266VF Datasheet(HTML) 122 Page - National Semiconductor (TI)

Back Button DP83266VF Datasheet HTML 118Page - National Semiconductor (TI) DP83266VF Datasheet HTML 119Page - National Semiconductor (TI) DP83266VF Datasheet HTML 120Page - National Semiconductor (TI) DP83266VF Datasheet HTML 121Page - National Semiconductor (TI) DP83266VF Datasheet HTML 122Page - National Semiconductor (TI) DP83266VF Datasheet HTML 123Page - National Semiconductor (TI) DP83266VF Datasheet HTML 124Page - National Semiconductor (TI) DP83266VF Datasheet HTML 125Page - National Semiconductor (TI) DP83266VF Datasheet HTML 126Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 152 page
background image
70 Control Information (Continued)
REQ Descriptor (REQ)
Request Descriptors (REQs) contain the part byte address and size of one or more Output Data Unit Descriptors They also
contain parameters and commands to the MACSI device associated with Request operations
Multiple REQ Descriptors (parts) may be grouped as one Request Descriptor object by the host software with the REQFirst
defining the parameters for the entire Request object Also multiple Output Data Unit Descriptors may be grouped contiguously
to be described by a single REQ Descriptor
Each REQ part is fetched by the MACSI device from the Request Channel’s REQ Descriptor Queue using the REQ Queue
Pointer Register Each Request Channel processes one Request Object (REQOnly or REQFirst to REQLast set) per service
opportunity
The MACSI device checks for the following inconsistencies when the REQ is loaded from memory
1 REQFirst with invalid Confirmation Class (as shown in the
Figure 7-7 )
2 REQFirst with Request Class e 0
3 REQFirst when the previous REQ was not a REQLast or REQOnly
4 REQ which is not a REQFirst or REQOnly when the previous REQ was a REQLast or a REQOnly
When an inconsistency is detected the MACSI device aborts the Request and reports the exception in the Request Status field
of the CNF Descriptor
The encodings of the RQCLS and CNFCLS bits are described in more detail in
Figure 7-6 and Figure 7-7 respectively
31
30
29
28
27
24
23
16
15
12
11
8
7
0
RES
UID
SIZE
CNFCLS
RQCLS
FC
Word 0
F-L
RES
LOC
Word 1
Bit
Symbol
Description
Word 0
D7–D0
FC
Frame Control
This specifies the Frame control field to be used unless FC transparency is enabled
This field is decoded to determine whether to assert RQCLM or RQBCN This decoding is always
active ie regardless of frame control transparency This field is also used for comparing received
frames when confirming (without FC transparency)
D8 – D11
RQCLS
RequestRelease Class
This field encodes the Request Class for the entire Request object and is
thus only sampled on a REQFirst or REQOnly The field is asserted on the RQRCLS signals to the
Ring Engine when requesting a token If the Request Class is incompatible with the current ring state
the MACSI device sets the RCHN’s USR bit in the Request Attention Register The encoding of this
field is shown in
Figure 7-6
D15 – D12
CNFCLS
Confirmation Class
This field encodes the Confirmation Class for the entire Request object and is
only sampled on a REQFirst or REQOnly The encoding of this field is shown in
Figure 7-7
D12
E
End
Enables confirmation on completion of request
0
CNFs on completion disabled
1
CNFs on completion enabled
D13
I
Intermediate
Enables Intermediate (at the end of each Service Opportunity) Confirmation
0
Intermediate CNFs disabled
1
Intermediate CNFs enabled
D14
F
FullTransmitter
Selects between Transmitter and Full Confirmation
0
Transmitter confirm
1
Full confirm
122



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com