Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 172 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 172 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 168Page - National Semiconductor (TI) DP8344B Datasheet HTML 169Page - National Semiconductor (TI) DP8344B Datasheet HTML 170Page - National Semiconductor (TI) DP8344B Datasheet HTML 171Page - National Semiconductor (TI) DP8344B Datasheet HTML 172Page - National Semiconductor (TI) DP8344B Datasheet HTML 173Page - National Semiconductor (TI) DP8344B Datasheet HTML 174Page - National Semiconductor (TI) DP8344B Datasheet HTML 175Page - National Semiconductor (TI) DP8344B Datasheet HTML 176Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 172 / 184 page
background image
60 Reference Section (Continued)
TRL
TIMER REGISTERLOW
Main R28 readwrite
76543210
TM7
TM6
TM5
TM4
TM3
TM2
TM1
TM0
TM7–0
TiMer
Inputoutput port of low byte of timer
Further information Section 2114 Timer Regis-
ters
TSR
TRANSCEIVER STATUS REGISTER
Alternate R5 read only
76
5
4
3
2
1
0
TFF
TA
RE
RA
DAV
RF10
RF9
RF8
TFF
Transmit FIFO Full
Set high when the trans-
mit FIFO is full
RTR
must not be written to
when TFF is high
TA
Transmitter Active
Reflects the state of TX-
ACT indicating that data is being transmitted
Unlike TX-ACT however TA is not disabled by
LOOP
RE
Receiver Error
Set high when a receiver er-
ror is detected Cleared by reading ECR or by
asserting TRES
RA
Receiver Active
Set high when a valid start-
ing sequence is received Cleared when either
an end of message or an error is detected In
5250 modes
RA is cleared at the same time
as LA
DAV
Data AVailable
Set high when valid data is
available in RTR and TSR
Cleared by read-
ing RTR
or when an error is detected
RF10 – 8
Receive FIFO
RF10 – 8 and RTF7 – 0 re-
flect the state of the top word of the receive
FIFO
Further information Section 30 Transceiver
172



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com