Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 173 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 173 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 169Page - National Semiconductor (TI) DP8344B Datasheet HTML 170Page - National Semiconductor (TI) DP8344B Datasheet HTML 171Page - National Semiconductor (TI) DP8344B Datasheet HTML 172Page - National Semiconductor (TI) DP8344B Datasheet HTML 173Page - National Semiconductor (TI) DP8344B Datasheet HTML 174Page - National Semiconductor (TI) DP8344B Datasheet HTML 175Page - National Semiconductor (TI) DP8344B Datasheet HTML 176Page - National Semiconductor (TI) DP8344B Datasheet HTML 177Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
The following tables describe the location and function of all control and status bits in the various BCP addressable special
function registers The Remote Interface Configuration register
RIC
which is addressable only by a remote processor is not
included
6231 Processor
Bit
Name
Location
Reset State
Function
Timing
CCS
C
PU Clock Select
DCR 7
1
Selects CPU clock frequency
Control
Where OCLK is the frequency of the on-chip oscillator or
the externally applied clock on input X1
DW2–0
D
ata memory
DCR 2–0
111
Selects from 0 to 7 wait states for accessing data memory
W
ait-state select
IW10
I
nstruction memory
DCR 43
11
Selects from 0 to 3 wait states for accessing instruction
memory
W
ait-state select
COD
C
lock Out Disable
ACR 2
0
When high CLK-OUT is at TRI-STATE
4TR
4 T-state Read
ACR 3
0
When high data memory reads take four T-states
Remote
LOR
L
ock Out Remote
ACR 1
0
When high a remote processor is prevented from accessing
the BCP or its memory
Interface
RR
R
emote Read
CCR 6
0
Set on the trailing edge of a REM-RD pulse if RAE is
asserted and RIC is pointing to Data Memory Cleared by
writinga1to RR
RW
R
emote Write
CCR 5
0
Set on the trailing edge of a REM-WR pulse if RAE is
asserted and RIC is pointing to Data Memory Cleared by
writinga1to RW
Interrupt
BIC
B
i-directional
ACR 4
0
Controls the direction of BIRQ
Control
I
nterrupt Control
BIRQ
B
i-directional
CCR 4
X
Read Only Reflects the logic level of the BIRQ input
Updated at the beginning of each instruction cycle
I
nterrupt ReQuest
GIE
G
lobal Interrupt
ACR 0
0
When low disables all maskable interrupts When high
works with IM4–0 to enable maskable interrupts
E
nable
IM4–0
I
nterrupt Mask
ICR 4–0
11111
Each bit when set high masks an interrupt
select
IM3 functions as an interrupt mask only when BIRQ is
defined as an input When BIRQ is defined as an output IM3
controls the state of BIRQ
CCS
CPU CLK
0
OCLK
1
OCLK2
BIC
BIRQ
0
Input
1
Output
IM4 – 0
Interrupt
Priority
00000
No Mask
XXXX1 Receiver
1
High
XXX1X Transmitter
2
u
XX1XX Line Turn-Around 3
X1XXX Bi-Directional
4
v
1XXXX Timer
5
Low
These bits represent the only visibility and control that the processor has into the operation of the remote interface controller The Remote Interface Configuration
register
RIC
accessible only by a remote processor provides further control functions See Remote Interface section for more information
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com