Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 175 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 175 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 171Page - National Semiconductor (TI) DP8344B Datasheet HTML 172Page - National Semiconductor (TI) DP8344B Datasheet HTML 173Page - National Semiconductor (TI) DP8344B Datasheet HTML 174Page - National Semiconductor (TI) DP8344B Datasheet HTML 175Page - National Semiconductor (TI) DP8344B Datasheet HTML 176Page - National Semiconductor (TI) DP8344B Datasheet HTML 177Page - National Semiconductor (TI) DP8344B Datasheet HTML 178Page - National Semiconductor (TI) DP8344B Datasheet HTML 179Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
(Continued)
The following tables describe the location and function of all control and status bits in the various BCP addressable special
function registers The Remote Interface Configuration register
RIC
which is addressable only by a remote processor is not
included
6231 Processor
(Continued)
Bit
Name
Location
Reset State
Function
Timer
TLD
T
imer LoaD
ACR 6
0
Set high to load timer Cleared automatically when load
complete
TM15 – 8
T
iMer
TRH 7–0
XXXX XXXX
Inputoutput port of high byte of timer
TM7–0
T
iMer
TRL 7–0
XXXX XXXX
Inputoutput port of low byte of timer
TMC
T
imer Clock
ACR 5
0
Selects timer clock frequency Must not be written when
TST high Can be written at same time as TST and
select
TLD
TMC Timer Clock
0
CPU-CLK16
1
CPU-CLK2
TO
T
ime Out flag
CCR 7
0
Set high when timer counts down to zero Cleared by writing
a1to TO or by stopping the timer (by writinga0to TST )
TST
T
imer StarT
ACR 7
0
When high timer is enabled and will count down from its
current value Timer is stopped by writinga0to this location
6232 Transceiver
Table includes control and status bits only It does not include definitions of bit fields provided for the formatting (de-formatting)
of data frames For further information see the Transceiver section
Bit
Name
Location
Reset State
Function
Transceiver LOOP
internal
TMR 6
0
When high TX-ACT is disabled (held at 0) and transmitter
serial data is internally directed to the receiver serial data
Control
LOOP
-back
input
PS2–0
P
rotocol Select
TMR 2–0
000
Selects protocol for both transmitter and receiver
PS2 – 0
Protocol
0 0 0
3270
0 0 1
3299 Multiplexer
0 1 0
3299 Controller
0 1 1
3299 Repeater
1 0 0
5250
1 0 1
5250 Promiscuous
1 1 0
8-bit
1 1 1
8-bit Promiscuous
RTF7 – 0 Receive Transmit RTR 7–0
XXXX XXXX Inputoutput port of the least significant 8 bits of receive and
transmit FIFOs OWP
TF10 – 8 and RTF7 – 0 are pushed
F
IFOs
onto the transmit FIFO on moves to RTR
RF10 – 8 and
RTF7 – 0 are popped from receive FIFO on moves from
RTR
175



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com