Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 178 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 178 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 174Page - National Semiconductor (TI) DP8344B Datasheet HTML 175Page - National Semiconductor (TI) DP8344B Datasheet HTML 176Page - National Semiconductor (TI) DP8344B Datasheet HTML 177Page - National Semiconductor (TI) DP8344B Datasheet HTML 178Page - National Semiconductor (TI) DP8344B Datasheet HTML 179Page - National Semiconductor (TI) DP8344B Datasheet HTML 180Page - National Semiconductor (TI) DP8344B Datasheet HTML 181Page - National Semiconductor (TI) DP8344B Datasheet HTML 182Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 178 / 184 page
background image
60 Reference Section (Continued)
623 Bit Definition Tables
(Continued)
6232 Transceiver
(Continued)
Table includes control and status bits only It does not include definitions of bit fields provided for the formatting (de-formatting)
data frames For further information see the Transceiver section
Bit
Name
Location Reset State
Function
Receiver
IES
I
nvalid Ending
ECR 2
0
Set when the first mini-code violation is not correct during a
3270 3299 or 8-bit ending sequence Cleared by reading
Error Codes
S
equence
ECR or asserting TRES
LMBT
L
oss of Mid-Bit
ECR 1
0
Set when the expected Manchester Code mid-bit transition
does not occur within the allowed window Cleared by reading
T
ransition
ECR or by asserting TRES
OVF
receiver OVerFlow ECR 4
0
Set when the receiver has processed 3 words and another
complete frame is received before the FIFO is read by the
CPU Cleared by reading ECR or asserting TRES
PAR
PAR
ity error
ECR 3
0
Set when bad (odd) overall word parity is detected in any
receive frame Cleared by reading ECR or asserting
TRES
RDIS
R
eceiver DISabled ECR 0
0
Set when transmitter is activated by writing to RTR while
receiver is still active without RPEN first being asserted
while active
Cleared by reading ECR or asserting TRES
63 REMOTE INTERFACE CONFIGURATION REGISTER
This register can be accessed only by the remote system
To do this CMD and RAE must be asserted and the LOR
bit in the ACR register must be low
76
5
4
3
2
1
0
BIS
SS
FW
LR
LW
STRT
MS1
MS0
RIC
BIS
B
idirectional Interrupt Status
Mirrors the state
of IM3 ( ICR bit 3) enabling the remote system to
poll and determine the status of the BIRQ IO
When BIRQ is an output the remote system can
change the state of this output by writing a one to
BIS This can be used as an interrupt acknowl-
edge whenever BIRQ is used as a remote inter-
rupt For complete information on the relationship
between BIS IM3 and BIRQ refer to Section 223
Interrupts
SS
S
ingle-Step
Writing a 1 with STRT low the BCP
will single-step by executing the current instruction
and advancing the PC On power upreset this bit
is low
FW
F
ast Write
When high with LW low selects fast
write mode for the buffered interface When low
selects slow write mode On power upreset this
bit is low (LW will also be low so buffered write
mode is selected)
LR
L
atched Read
When high selects latched read
mode when low selects buffered read mode On
power upreset this bit is low (Buffered read mode
is selected)
LW
L
atched Write
When high selects latched write
mode when low selects buffered write mode On
power upreset this bit is low (FW will also be low
so slow buffered write mode is selected)
STRT
ST
aRT
The remote system can start and stop
the BCP using this bit On power-upreset this bit is
low (BCP stopped) When set the BCP begins exe-
cuting at the current Program Counter address
When cleared the BCP finishes executing the cur-
rent instruction then halts to an idle mode
In some applications where there is no remote
system or the remote system is not an intelligent
device it may be desirable to have the BCP power-
upreset running rather than stopped at address
0000H This can be accomplished by asserting
REM-RD REM-WR and RESET with RAE de-as-
serted (Refer to Electrical Specification Section
for the timing information needed to start the BCP
in stand alone mode)
MS10
M
emory Select 10
These two bits determine
what the remote system is accessing in the BCP
system according to the following table
MS1
MS0
Selected Function
0
0
Data Memory
0
1
Instruction Memory
1
0
Program Counter (Low Byte)
1
1
Program Counter (High Byte)
The BCP must be idle for the remote system to
readwrite Instruction memory or the Program
Counter
All remote accesses are treated the same (inde-
pendent of where the access is directed using MS0
and MS1) as defined by the configuration bits LW
LR FW
If the remote system and the BCP request data
memory access simultaneously the BCP will win
first access If the locks ( LOR LOCK) are not set
the remote system and BCP will alternate access
cycles thereafter
On power-upreset MS10 points to instruction
memory
Power-upReset state of RIC 7-0
is
l000 000l
178



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com