| Electronic Components Datasheet Search |
|
DP8344B Datasheet(PDF) 177 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8344B Datasheet(HTML) 177 Page - National Semiconductor (TI) |
|
177 / 184 page ![]() 60 Reference Section (Continued) 623 Bit Definition Tables (Continued) 6232 Transceiver (Continued) Table includes control and status bits only It does not include definitions of bit fields provided for the formatting (de-formatting) data frames For further information see the Transceiver section Bit Name Location Reset State Function Receiver SLR S elect Line TCR 5 0 Selects the receiver input source Control R eceiver SLR Source (Continued) 0 DATA-IN 1 On-Chip Analog Line Receiver Transmitter TA T ransmitter Active TSR 6 0 Reflects the state of TX-ACT indicating that data is being transmitted Is not disabled by LOOP Status TFE T ransmit FIFO NCF 7 1 Set high when the FIFO is empty Cleared by writing to RTR E mpty TFF T ransmit FIFO TSR 7 0 Set high when the FIFO is full RTR must not be written when TFF is high F ull Receiver ACK poll NCF 1 0 Set high when a 3270 pollack command is decoded and DAV is asserted Cleared by reading RTR Undefined in Status ACK nowledge 5250 and 8-bit modes and in the first frame of 3299 modes DAV D ata AVailable TSR 3 0 Set high when valid data is available in RTR and TSR Cleared by reading RTR or when an error is detected DEME D ata Error or NCF 3 0 In 3270 or 3299 modes asserted when a byte parity error is detected In 5250 modes asserted when the 111 station M essage End address is decoded and DAV is asserted Undefined in 8-bit modes and first frame of 3299 modes LA L ine Active NCF 5 0 Indicates activity on the receiver input Set high on any transition cleared after no input transitions are detected for 16 TCLK periods LTA L ine Turn Around NCF 4 0 Set high when an end of message is detected Cleared by writing to RTR writing a ‘‘1’’ to LTA or by asserting TRES POLL POLL NCF 0 0 Set high when a 3270 Poll command is decoded and DAV is asserted Cleared by reading RTR Undefined in 5250 and 8-bit modes and in the first frame of 3299 modes RA R eceiver Active TSR 4 0 Set high when a valid start sequence is received Cleared when either an end of message or an error is detected RAR R eceived NCF 2 0 Set high when a 3270 Auto-Response message is decoded and DAV is asserted Cleared by reading RTR Undefined A uto-Response in 5250 and 8-bit modes and in the first frame of 3299 modes RE R eceiver Error TSR 5 0 Set high when an error is detected Cleared by reading ECR or by asserting TRES RFF R eceive FIFO NCF 6 0 Set high when the receive FIFO contains 3 received words Cleared by reading RTR F ull 177 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |