Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 5 Page - Analog Devices

  AD9786 Datasheet HTML 1Page - Analog Devices AD9786 Datasheet HTML 2Page - Analog Devices AD9786 Datasheet HTML 3Page - Analog Devices AD9786 Datasheet HTML 4Page - Analog Devices AD9786 Datasheet HTML 5Page - Analog Devices AD9786 Datasheet HTML 6Page - Analog Devices AD9786 Datasheet HTML 7Page - Analog Devices AD9786 Datasheet HTML 8Page - Analog Devices AD9786 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 60 page
background image
AD9786
Rev. 0 | Page 5 of 60
DYNAMIC SPECIFICATIONS
TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD, DRVDD = 2.5 V, IOUTFS = 20 mA, differential transformer
coupled output, 50 Ω doubly terminated, unless otherwise noted.
Table 2.
Parameter
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Maximum DAC Output Update Rate (fDAC)
500
MSPS
Output Settling Time (tST) (to 0.025%)
ns
Output Propagation Delay1 (tPD)
ns
Output Rise Time (10% to 90% of Full Scale)2
ns
Output Fall Time (90% to 10% of Full Scale)2
ns
AC LINEARITY-BASEBAND MODE
Spurious-Free Dynamic Range (SFDR) to Nyquist (fOUT = 0 dBFS)
fDATA = 100 MSPS; fOUT = 5 MHz, 4×, 2× interpolation
93
dBc
fDATA = 200 MSPS; fOUT = 10 MHz
85
dBc
fDATA = 200 MSPS; fOUT = 25 MHz
78
dBc
fDATA = 200 MSPS; fOUT = 50 MHz
78
dBc
Two-Tone Intermodulation (IMD) to Nyquist (fOUT1 = fOUT2 = –6 dBFS)
fDATA = 200 MSPS; fOUT1 = 5 MHz; fOUT2 = 6 MHz
85
dBc
fDATA = 200 MSPS; fOUT1 = 15 MHz; fOUT2 = 16 MHz
85
dBc
fDATA = 200 MSPS; fOUT1 = 25 MHz; fOUT2 = 26 MHz
84
dBc
fDATA = 200 MSPS; fOUT1 = 45 MHz; fOUT2 = 46 MHz
80
dBc
fDATA = 200 MSPS; fOUT1 = 65 MHz; fOUT2 = 66 MHz
78
dBc
fDATA = 200 MSPS; fOUT1 = 85 MHz; fOUT2 = 86 MHz
75
dBc
Noise Power Spectral Density (NPSD)
fDATA = 156 MSPS; fOUT = 10 MHz; 0 dBFS, 8 tones, separation = 500 kHz
−164
dBm/Hz
fDATA = 156 MSPS; fOUT = 50 MHz; 0 dBFS, 8 tones, separation = 500 kHz
−161
dBm/Hz
Adjacent Channel Power Ratio (ACLR)
WCDMA ACLR with 3.84 MHz BW, single carrier
IF = 21 MHz, fDATA = 122.88 MSPS, 4× interpolation
80
dB
IF = 224.76 MHz, fDATA = 122.88 MSPS, 4× interpolation, high-pass interpolation filter mode
72
dB
1 Propagation delay is delay from CLK input to DAC update.
2 Measured doubly terminated into 50 Ω load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com