Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 29 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 29 Page - Analog Devices

Back Button AD9786 Datasheet HTML 25Page - Analog Devices AD9786 Datasheet HTML 26Page - Analog Devices AD9786 Datasheet HTML 27Page - Analog Devices AD9786 Datasheet HTML 28Page - Analog Devices AD9786 Datasheet HTML 29Page - Analog Devices AD9786 Datasheet HTML 30Page - Analog Devices AD9786 Datasheet HTML 31Page - Analog Devices AD9786 Datasheet HTML 32Page - Analog Devices AD9786 Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 60 page
background image
AD9786
Rev. 0 | Page 29 of 60
AD9786 Low Setup/Hold Mode (DATACLK input, data
recovery off)
Some applications may require that digital input data be
synchronized with the DATACLK input, rather than DACCLK.
For these applications, the AD9786 can be programmed for Low
Setup/Hold Mode by entering the values in Table 26 into the
SPI registers. With data recovery off and the MODSYNC bit set
to logic 1, the AD9786 will latch data in on the rising or falling
edge of DATACLK input, depending on the state of DCLKPOL.
The timing is similar to the slave mode with data recovery on.
There is still a required timing relationship between DACCLK
and DATACLK in, as shown in Figure 51 and Figure 52. As
these show, the digital input data is latched in on the
DATACLK edge, rather than DACCLK. One advantage of this
mode is that the setup and hold numbers for the input data with
respect to DATACLK are much smaller than the similar specs in
the slave/clock recovery mode.
Note that in this mode, the DATAADJ bits have no effect.
tHT = 0.0ns MIN
tS = –1.1ns MIN
tH = 2.8ns MIN
DACCLKIN
DATACLKIN
DATA
tST = 3.0ns MIN
Figure 51. Low Setup and Hold Mode Timing, 2× Interpolation, DCLKPOL = 0
DACCLKIN
DATACLKIN
DATA
tS = –1.8ns MIN
tH = 3.1ns MIN
tHT = 1.0ns MIN
tST = 2.0ns MIN
Figure 52. Low Setup and Hold Mode Timing, 2× Interpolation, DCLKPOL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com