Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9786 Datasheet HTML 36Page - Analog Devices AD9786 Datasheet HTML 37Page - Analog Devices AD9786 Datasheet HTML 38Page - Analog Devices AD9786 Datasheet HTML 39Page - Analog Devices AD9786 Datasheet HTML 40Page - Analog Devices AD9786 Datasheet HTML 41Page - Analog Devices AD9786 Datasheet HTML 42Page - Analog Devices AD9786 Datasheet HTML 43Page - Analog Devices AD9786 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 60 page
background image
AD9786
Rev. 0 | Page 40 of 60
FILTERED INTERPOLATION IMAGES
fS/8 MODULATION
fS/4 MODULATION
Figure 70. Complex Modulation with Negative Frequency Aliasing
Table 35. Dual Channel Complex Modulation with Hilbert
Hilbert
Mode
0
Hilbert transform off
1
Hilbert transform on
When complex modulation is performed, the entire spectrum is
translated by the modulation factor. If the resulting modulated
spectrum is not mirror symmetric about dc, when the DAC
synthesizes the modulated signal, negative frequency compo-
nents will fall on the positive frequency axis and can cause
destructive summation of the signals, as shown in Figure 70. For
some applications, this can distort the modulated output signal.
Re
Im
f
Re
Im
f
Re
Im
f
Re
Im
f
00
00
A/2
A/2
A/2
A/2
A
A
A/2
A/2
A/2
A/2
A/2
A/2
A/2
A/2
X = Ae j2π(f + fm)t
Y = Ae j2π(f + fm)t – π/2
Z = HILBERT(Y)
C = X – Z
Figure 71. Negative Frequency Image Rejection
Referring to Figure 71, by performing a second complex
modulation with a modulating signal having a fixed π/2 phase
difference, Figure (Y), relative to the original complex
modulation signal, Figure (X), taking the Hilbert transform of
the new resulting complex modulation, and subtracting it from
the original complex modulation output all negative frequency
components can be folded in phase to the positive frequency
axis before being synthesized by the DAC. When the DAC
synthesizes the modulated output there are no negative
frequency components to fold onto the positive frequency axis
out of phase; consequently no distortion is produced as a result
of the modulation process.
ALIASED NEGATIVE FREQUENCY INTERPOLATION IMAGES
0.5
–0.5
–0.4
–0.3
–0.2
–0.1
0
0.1
0.2
0.3
0.4
–150
0
–50
–100
Figure 72. Negative Frequency Aliasing Distortion
Figure 72 shows this effect at the DAC output for a mirror
asymmetric signal about dc produced by complex modulation
without a Hilbert transform. The signal bandwidth was nar-
rowed to show the aliased negative frequency interpolation
images.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com