| Electronic Components Datasheet Search |
|
AD9786 Datasheet(PDF) 31 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9786 Datasheet(HTML) 31 Page - Analog Devices |
|
31 / 60 page ![]() AD9786 Rev. 0 | Page 31 of 60 Note that the data in Figure 44 to Figure 53 was taken with the DATAADJ default of 0000. With DCLKPOL = 0, the latching edge of DACCLK is just previous to the rising edge of DATACLK; with DCLKPOL = 1, the latching edge of DACCLK is just previous to the falling edge of DATACLK. Table 27 describes the values available for 8× interpolation which gives a choice of 16 edges to sync data. With 4× interpolation, there will be a choice of 8 edges, and the relevant values from Table 27 will be 0000, 0010, 0100, 0110, 1000, 1010, 1100, and 1110. These options will allow latching edge placement from +3 cycles to –4 cycles. In 2× interpolation, 4 edges will be available, and the relevant values from Table 27 will be 0000, 0100, 1000, and 1100. The choices for DATAADJ are diminished to +1 cycle to –2 cycles. Figure 54, Figure 55, and Figure 56 show the alignment for the latching edge of DACCLK with 4× interpolation and different settings for DATAADJ. In Figure 54, the AD9786 is in DATACLK Master Mode. DATAADJ is set to 0000, with DCLKPOL set to 0 so that the latching edge of DACCLK is immediately before the rising edge of DATACLK. The data transitions shown in Figure 54 are synchronous with the DACCLK, so that DACCLK and input data are constant with respect to each other. The only visible change when DATAADJ is altered is that DATACLK moves, indicating the latching edge has moved as well. Note that in DATACLK Master Mode, when DATAADJ is altered, the latching edge with respect to DATACLK remains the same. RISING EDGE OF DATACLK CONCURRENT WITH LATCHING EDGE OF DACCLK DATA TRANSITION DACCLK LATCHING EDGE Figure 54. DATAADJ = 0000 Figure 55 shows the same conditions, but with DATAADJ set to 1111. This moves DATACLK to the left in the plot, indicating that it occurs one DACCLK cycle before it did in Figure 54. As explained previously, the latching edge of DACCLK also moves one cycle back in time. RISING EDGE OF DATACLK CONCURRENT WITH LATCHING EDGE OF DACCLK DATA TRANSITION DACCLK LATCHING EDGE Figure 55. DATAADJ = 1111 Figure 56 shows the same conditions, with DATAADJ set to 0001, thus moving DATACLK to the right in the plot. This indicates that it occurs one DACCLK cycle after it did in Figure 54. In this case, the latching edge of DACCLK moves forward in time one cycle. RISING EDGE OF DATACLK CONCURRENT WITH LATCHING EDGE OF DACCLK DATA TRANSITION DACCLK LATCHING EDGE Figure 56. DATAADJ = 0001 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |