Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 6 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9786 Datasheet HTML 2Page - Analog Devices AD9786 Datasheet HTML 3Page - Analog Devices AD9786 Datasheet HTML 4Page - Analog Devices AD9786 Datasheet HTML 5Page - Analog Devices AD9786 Datasheet HTML 6Page - Analog Devices AD9786 Datasheet HTML 7Page - Analog Devices AD9786 Datasheet HTML 8Page - Analog Devices AD9786 Datasheet HTML 9Page - Analog Devices AD9786 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
AD9786
Rev. 0 | Page 6 of 60
DIGITAL SPECIFICATIONS
TMIN to TMAX, AVDD1, AVDD2 = 3.3 V, ACVDD, ADVDD, CLKVDD, DVDD = 2.5 V, IOUTFS = 20 mA, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
DIGITAL INPUTS
Logic 1 Voltage
DRVDD – 0.9
DRVDD
V
Logic 0 Voltage
0
0.9
V
Logic 1 Current
–10
+10
µA
Logic 0 Current
–10
+10
µA
Input Capacitance
5
pF
CLOCK INPUTS
Input Voltage Range
0
2.65
V
Common-Mode Voltage
0.75
1.5
2.25
V
Differential Voltage
0.5
1.5
V
Input Setup Time (tS)1
Input Hold Time (tH)1
Latch Pulse Width (tLPW)1
CLK to PLLLOCK Delay (tOD)1
1See timing specifications on Pages 26 to 31 for details in each timing mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com