Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9786 Datasheet HTML 30Page - Analog Devices AD9786 Datasheet HTML 31Page - Analog Devices AD9786 Datasheet HTML 32Page - Analog Devices AD9786 Datasheet HTML 33Page - Analog Devices AD9786 Datasheet HTML 34Page - Analog Devices AD9786 Datasheet HTML 35Page - Analog Devices AD9786 Datasheet HTML 36Page - Analog Devices AD9786 Datasheet HTML 37Page - Analog Devices AD9786 Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 60 page
background image
AD9786
Rev. 0 | Page 34 of 60
MODULATION MODES
Table 30. Single Channel Modulation
MODDUAL
CHANNEL
MOD[1]
MOD[0]
Mode
0
0
0
0
I Channel, no modulation
0
0
0
1
I Channel, modulation by fDAC/2
0
0
1
0
I Channel, modulation by fDAC/4
0
0
1
1
I Channel, modulation by fDAC/8
0
1
0
0
Q Channel, no modulation
0
1
0
1
Q Channel, modulation by fDAC/2
0
1
1
0
Q Channel, modulation by fDAC/4
0
1
1
1
Q Channel, modulation by fDAC/8
Either channel of the AD9786’s interpolation filter channels can
be routed to the DAC and modulated. In single channel
operation the input data may be modulated by a real sinusoid;
the input data and the modulating sinusoid will contain both
positive and negative frequency components. A double side-
band output results when modulating two real signals. At the
DAC output the positive and negative frequency components
will add in phase resulting in constructive signal summation.
As the modulating sinusoidal frequency becomes a larger
fraction of the DAC update rate, fDAC, the more the sinc function
of the DAC shapes the modulated signal bandwidth, and the
closer the first image moves. As the AD9786 interpolation
filter’s pass band represents a large portion of the input data’s
Nyquist band, under certain modulation and interpolation
modes it is possible for modulated signal bands to touch or
overlap images if sufficient interpolation is not used.
Figure 59 shows the effects of fDAC/8 modulation when using
8× interpolation.
Figure 60 to Figure 62 show the effects of real modulation
under all interpolation modes. The sinc shaping at the corners
of the modulated signal band, and the bandwidth to the first
image for those cases whose pass bands do not touch or overlap,
are tabulated.
Table 31. Synthesis Bandwidth vs. Interpolation Modes
Interpolation
Modulation
None
×2
×4
×8
none
fSIN
2 fSIN
4 fSIN
8 fSIN
fDAC/2
fSIN
2 fSIN
4 fSIN
8 fSIN
fDAC/4
Overlap
Touching
2 fSIN
4 fSIN
fDAC/8
Overlap
Overlap
Touching
6 fSIN
Table 32. Modulated Pass-Band Edges Sinc Shaping
(Lower/Upper)
Interpolation
Modulation
None
×2
×4
×8
None
0
0
0
0
–2.8241
–0.6708
–0.1657
–0.0413
fDAC/2
–0.0701
–1.1932
–2.3248
–3.0590
–22.5378
–9.1824
–6.1190
–4.9337
fDAC/4
Overlap
Touching
–0.2921
–0.5974
–1.9096
–1.3607
fDAC/8
Overlap
Overlap
Touching
–0.0727
–0.4614



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com