Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9786 Datasheet HTML 14Page - Analog Devices AD9786 Datasheet HTML 15Page - Analog Devices AD9786 Datasheet HTML 16Page - Analog Devices AD9786 Datasheet HTML 17Page - Analog Devices AD9786 Datasheet HTML 18Page - Analog Devices AD9786 Datasheet HTML 19Page - Analog Devices AD9786 Datasheet HTML 20Page - Analog Devices AD9786 Datasheet HTML 21Page - Analog Devices AD9786 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
AD9786
Rev. 0 | Page 18 of 60
SPAN 33.84MHz
SWEEP 109.8ms (601 pts)
VBW 300kHz
CENTER 20.00MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–10.38dBm/
3.84 MHz
FREQ OFFSET
5.000MHz
10.000MHz
15.000MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
dBc
–79.00
–80.78
–79.71
dBm
–89.38
–91.16
–90.09
LOWER
dBc
–79.63
–81.77
–81.45
dBm
–90.01
–92.15
–91.83
UPPER
REF –22.76dBm
*AVG
Log
10dB/
PAVG
22
W1 S2
*ATTEN 8dB
AC-COUPLED
AVERAGE
22
Figure 33. ACLR for Single WCDMA Carrier at 20 MHz, FDATA = 61.44 MSPS,
4× Interpolation
SPAN 33.84MHz
SWEEP 109.8ms (601 pts)
VBW 300kHz
CENTER 142.88MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–15.30dBm/
3.84MHz
FREQ OFFSET
5.000MHz
10.000MHz
15.000MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
dBc
–72.33
–72.41
–72.67
dBm
–87.64
–87.71
–87.97
LOWER
dBc
–72.13
–73.02
–73.50
dBm
–87.43
–88.32
–88.88
UPPER
REF –28.2dBm
*AVG
Log
10dB/
PAVG
22
W1 S2
*ATTEN 6dB
AVERAGE
22
Figure 34. ACLR for Single WCDMA Carrier at 142.88 MHz, FDATA = 61.44 MSPS,
4× Interpolation
SPAN 53.84MHz
SWEEP 174.6ms (601 pts)
VBW 300kHz
CENTER 46.40MHz
*RES BW 30kHz
RMS RESULTS
CARRIER POWER
–20.32dBm/
3.84MHz
FREQ OFFSET
5.000MHz
10.000MHz
15.000MHz
20.000MHz
25.000MHz
REF BW
3.840MHz
3.840MHz
3.840MHz
3.840MHz
3.840MHz
dBc
0.22
–0.60
–72.68
–72.74
–73.05
dBm
–20.11
–20.92
–93.00
–93.06
–93.37
LOWER
dBc
–0.16
–72.05
–72.85
–72.55
–72.02
dBm
–20.48
–92.37
–93.18
–92.88
–92.35
UPPER
REF –33.3dBm
*AVG
Log
10dB/
PAVG
104
W1 S2
*ATTEN 6dB
AVERAGE
104
AC-COUPLED
Figure 35. ACLR for Four-Carrier WCDMA Signal Near 50 MHz, FDATA =
61.44 MSPS, 4× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com