Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 37 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 37 Page - Analog Devices

Back Button AD9786 Datasheet HTML 33Page - Analog Devices AD9786 Datasheet HTML 34Page - Analog Devices AD9786 Datasheet HTML 35Page - Analog Devices AD9786 Datasheet HTML 36Page - Analog Devices AD9786 Datasheet HTML 37Page - Analog Devices AD9786 Datasheet HTML 38Page - Analog Devices AD9786 Datasheet HTML 39Page - Analog Devices AD9786 Datasheet HTML 40Page - Analog Devices AD9786 Datasheet HTML 41Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 60 page
background image
AD9786
Rev. 0 | Page 37 of 60
Table 33. Dual Channel Complex Modulation
MODSING
REALIMAG
MOD[1]
MOD[0]
Mode
0
0
0
0
Real output, no modulation
0
0
0
1
Real output, modulation by fDAC/2
0
0
1
0
Real output, modulation fDAC/4
0
0
1
1
Real output, modulation fDAC/8
0
1
0
0
Image output, no modulation
0
1
0
1
Image output, modulation by fDAC/2
0
1
1
0
Image output, modulation by fDAC/4
0
1
1
1
Image output, modulation by fDAC/8
In dual channel mode, the two channels may be modulated by
a complex signal, with either the real or imaginary modulation
result directed to the DAC. Assume initially, as in Figure 63,
that the complex modulating signal is defined for a positive
frequency only. This causes the output spectrum to be trans-
lated in frequency by the modulation factor only. No additional
sidebands are created as a result of the modulation process, and
therefore the bandwidth to the first image from the baseband
bandwidth is the same as the output of the interpolation filters.
Furthermore, pass bands will not overlap or touch. The sinc
shaping at the corners of the modulated signal band are
tabulated in Table 34. Figure 64, Figure 65, and Figure 66 show
the effects of complex modulation with varying interpolation
rates.
Table 34. Complex Modulated Pass-Band Edges Sinc Shaping
(Lower/Upper)
Interpolation
Modulation
None
×2
×4
×8
None
0
0
0
0
–2.8241
–0.6708
–0.1657
–0.0413
fDAC/2
–0.0701
–1.1932
–2.3248
–3.0590
–22.5378
–9.1824
–6.1190
–4.9337
fDAC/4
–0.4680
–0.0175
–0.2921
–0.5974
–6.0630
–3.3447
–1.9096
–1.3607
fDAC/8
–1.3723
–0.1160
–0.0044
–0.0727
–4.9592
–1.7195
–0.7866
–0.4614
FILTERED INTERPOLATION IMAGES
fS/8 MODULATION
NO NEGATIVE
SIDEBAND
Figure 63. Complex Modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com