Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9786 Datasheet HTML 18Page - Analog Devices AD9786 Datasheet HTML 19Page - Analog Devices AD9786 Datasheet HTML 20Page - Analog Devices AD9786 Datasheet HTML 21Page - Analog Devices AD9786 Datasheet HTML 22Page - Analog Devices AD9786 Datasheet HTML 23Page - Analog Devices AD9786 Datasheet HTML 24Page - Analog Devices AD9786 Datasheet HTML 25Page - Analog Devices AD9786 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
AD9786
Rev. 0 | Page 22 of 60
Table 14.
DATA(02)
Bit
Direction
Default
Description
DATAFMT
7
I
0
0: Twos complement data format
1: Unsigned binary input data format
ONEPORT
6
I
0
0: I and Q input data onto ports one and two, respectively
1: I and Q input data interleaved onto port one
DCLKSTR
5
I
0
0: DATACLK pin 12 mA drive strength
1: DATACLK pin 24 mA drive strength
DCLKPOL
4
I
0
0: Input data latched on DATACLK rising edge
1: Input data latched on DATACLK falling edge
DCLKEXT
3
I
0
0: DATACLK pin inputs channel data rate or modulator synchronizer clock
1: DATACLK pin outputs channel data rate or modulator synchronizer clock
DCLKCRC
2
I
0
0: With DATACLK pin as input, DATACLK clock recovery off
1: With DATACLK pin as input, DATACLK clock recovery on
IQPOL
1
I
0
0: In one port mode, IQSEL = 1 latches data into I channel, IQSEL = 0 latches data
into Q channel
1: In one port mode, IQSEL = 0 latches data into I channel, IQSEL = 1 latches data
into Q channel
GRAYDIN
0
I
0
0: Gray decoder off
1: Gray decoder on
Table 15.
MODULATE(03)
Bit
Direction
Default
Description
MODDUAL
03h [5]
CHANNEL
03h[7]
0
0
I channel processing routed to DAC
0
1
Q channel processing routed to DAC
1
0
Modulator real output routed to DAC
CHANNEL
7
I
0
1
1
Modulator imaginary output routed to DAC
HILBERT
6
I
0
1: With MODDUAL on, Hilbert transform on
MODDUAL
5
I
0
0: Modulator uses a single channel
1: Modulator uses both I and Q channels
SIDEBAND
4
I
0
0: With MODDUAL on, lower sideband rejected
1: With MODDUAL on, upper sideband rejected
MOD[1:0]
[3:2]
I
00
00: No modulation
01: fS/2 modulation
10: fS/4 modulation
11: fS/8 modulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com