Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 3 Page - Analog Devices

  AD9786 Datasheet HTML 1Page - Analog Devices AD9786 Datasheet HTML 2Page - Analog Devices AD9786 Datasheet HTML 3Page - Analog Devices AD9786 Datasheet HTML 4Page - Analog Devices AD9786 Datasheet HTML 5Page - Analog Devices AD9786 Datasheet HTML 6Page - Analog Devices AD9786 Datasheet HTML 7Page - Analog Devices AD9786 Datasheet HTML 8Page - Analog Devices AD9786 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
AD9786
Rev. 0 | Page 3 of 60
PRODUCT HIGHLIGHTS
1.
The AD9786 is a 16-bit high speed interpolating
TxDAC+.
2.
2×/4×/8× user selectable interpolating filter eases data
rate and output signal reconstruction filter requirements.
3.
200 MSPS input data rate.
4.
Ultra high speed 500 MSPS DAC conversion rate.
5.
Flexible clock with single-ended or differential input:
CMOS, 1 V p-p sine wave, and LVPECL capability.
6.
Complete CMOS DAC function operates from a 3.1 V to
3.5 V single analog (AVDD) supply, 2.5 V (DVDD)
digital supply, and a 2.5 to 3.3V DRVDD supply. The
DAC full-scale current can be reduced for lower power
operation, and a sleep mode is provided for low power
idle periods.
7.
On-chip voltage reference: The AD9786 includes a
1.20 V temperature-compensated band gap voltage
reference.
8.
Multichip synchronization: Multiple AD9786 DACs can
be synchronized to a single master AD9786 to ease
timing design requirements and optimize image reject
transmit performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com