Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 19 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9786 Datasheet HTML 15Page - Analog Devices AD9786 Datasheet HTML 16Page - Analog Devices AD9786 Datasheet HTML 17Page - Analog Devices AD9786 Datasheet HTML 18Page - Analog Devices AD9786 Datasheet HTML 19Page - Analog Devices AD9786 Datasheet HTML 20Page - Analog Devices AD9786 Datasheet HTML 21Page - Analog Devices AD9786 Datasheet HTML 22Page - Analog Devices AD9786 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 60 page
background image
AD9786
Rev. 0 | Page 19 of 60
SERIAL CONTROL INTERFACE
AD9786 SPI
PORT INTERFACE
SDO (PIN 54)
SDIO (PIN 55)
SCLK (PIN 56)
CSB (PIN 57)
Figure 36. AD9786 SPI Port Interface
The AD9786 serial port is a flexible, synchronous serial
communications port, allowing easy interface to many industry-
standard microcontrollers and microprocessors. The serial I/O
is compatible with most synchronous transfer formats,
including both the Motorola SPI
® and Intel® SSR protocols. The
interface allows read/write access to all registers that configure
the AD9786. Single or multiple byte transfers are supported, as
well as MSB first or LSB first transfer formats. The AD9786’s
serial interface port can be configured as a single pin I/O
(SDIO) or two unidirectional pins for in/out (SDIO/SDO).
GENERAL OPERATION OF THE SERIAL INTERFACE
There are two phases to a communication cycle with the
AD9786. Phase 1 is the instruction cycle, which is the writing of
an instruction byte into the AD9786, coincident with the first
eight SCLK rising edges. The instruction byte provides the
AD9786 serial port controller with information regarding the
data transfer cycle, which is Phase 2 of the communication
cycle. The Phase 1 instruction byte defines whether the
upcoming data transfer is read or write, the number of bytes in
the data transfer, and the starting register address for the first
byte of the data transfer. The first eight SCLK rising edges of
each communication cycle are used to write the instruction byte
into the AD9786.
A logic high on the CS pin, followed by a logic low, will reset the
SPI port timing to the initial state of the instruction cycle. This
is true regardless of the present state of the internal registers or
the other signal levels present at the inputs to the SPI port. If the
SPI port is in the midst of an instruction cycle or a data transfer
cycle, none of the present data will be written.
The remaining SCLK edges are for Phase 2 of the
communication cycle. Phase 2 is the actual data transfer
between the AD9786 and the system controller. Phase 2 of the
communication cycle is a transfer of 1, 2, 3, or 4 data bytes as
determined by the instruction byte. Using one multibyte
transfer is the preferred method. Single byte data transfers are
useful to reduce CPU overhead when register access requires
one byte only. Registers change immediately upon writing to the
last bit of each transfer byte.
Instruction Byte
The instruction byte contains the following information:
Table 9.
N1
N2
Description
0
0
Transfer 1 Byte
0
1
Transfer 2 Bytes
1
0
Transfer 3 Bytes
1
1
Transfer 4 Bytes
R/W, Bit 7 of the instruction byte, determines whether a read or
a write data transfer will occur after the instruction byte write.
Logic high indicates read operation. Logic 0 indicates a write
operation. N1, N0, Bits 6 and 5 of the instruction byte,
determine the number of bytes to be transferred during the data
transfer cycle. The bit decodes are shown in Table 10.
Table 10.
MSB
LSB
I7
I6
I5
I4
I3
I2
I1
I0
R/W
N1
N0
A4
A3
A2
A1
A0
A4, A3, A2, A1, A0
, Bits 4, 3, 2, 1, 0 of the instruction byte,
determine which register is accessed during the data transfer
portion of the communications cycle. For multibyte transfers,
this address is the starting byte address. The remaining register
addresses are generated by the AD9786.
SERIAL INTERFACE PORT PIN DESCRIPTIONS
SCLK—Serial Clock
. The serial clock pin is used to
synchronize data to and from the AD9786 and to run the
internal state machines. SCLK’s maximum frequency is 20 MHz.
All data input to the AD9786 is registered on the rising edge of
SCLK. All data is driven out of the AD9786 on the falling edge
of SCLK.
CSB—Chip Select
. Active low input starts and gates a
communication cycle. It allows more than one device to be used
on the same serial communications lines. The SDO and SDIO
pins will go to a high impedance state when this input is high.
Chip select should stay low during the entire communication
cycle.
SDIO—Serial Data I/O
. Data is always written into the
AD9786 on this pin. However, this pin can be used as a
bidirectional data line. The configuration of this pin is
controlled by Bit 7 of register address 00h. The default is
Logic 0, which configures the SDIO pin as unidirectional.
SDO—Serial Data Out
. Data is read from this pin for protocols
that use separate lines for transmitting and receiving data. In the
case where the AD9786 operates in a single bidirectional I/O
mode, this pin does not output data and is set to a high
impedance state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com