Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9786 Datasheet HTML 24Page - Analog Devices AD9786 Datasheet HTML 25Page - Analog Devices AD9786 Datasheet HTML 26Page - Analog Devices AD9786 Datasheet HTML 27Page - Analog Devices AD9786 Datasheet HTML 28Page - Analog Devices AD9786 Datasheet HTML 29Page - Analog Devices AD9786 Datasheet HTML 30Page - Analog Devices AD9786 Datasheet HTML 31Page - Analog Devices AD9786 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 60 page
background image
AD9786
Rev. 0 | Page 28 of 60
AD9786 DATACLK Slave Mode, Data Recovery On
DATACLK (Pin 31) can be used as an input in order to
synchronize multiple AD9786s. A clock generated by an
AD9786 operating in master mode, or a clock from an external
source, can be used to drive DATACLK.
In this mode, there are two clocks required to be applied to the
AD9786. A clock running at the DAC sample rate, referred to as
DACCLK, must be applied to the differential inputs (Pins 5 and
6) of the AD9786. As described above, a clock at the input
sample rate must also be applied to Pin 31 (DATACLK). An
internal DLL synchronizes the two applied clocks. The timing
relationships between the input data, DATACLK, and DACCLK
are given in Figure 49 and Figure 50.
Note that DCLKPOL (Reg 02h, Bit 4) can be used to select the
edge of DACCLK upon which the input data is latched.
There is a defined setup and hold window with respect to input
data and the latching edge of DACCLK. There is also a required
timing relationship between DATACLK and DACCLK. This is
referred to in Figure 49 and Figure 50 as tST and tHT (setup and
hold for transition). As an example, with DCLKPOL set to
logic 0, the input data will latch on the first rising edge of
DACCLK which occurs greater than 1.5 ns before the falling
edge of DATACLK. DACCLK should not be given a rising edge
in the window of 500 ps to 1.5 ns before the latching edge
(falling when DCLKPOL = 0, rising when DCLKPOL = 1) of
DATACLK. Failure to account for this timing relationship may
result in corrupt data.
There are three status bits available for read which allow the
user to verify DLL lock. These are Bits 0, 1, and 2 (DCRCSTAT)
in Reg 12h.
DACCLKIN
DATACLKIN
DATA
tHT = 1.5ns MIN
tS = 0.0ns MIN
tST = –500ps MIN
tH = 3.2ns MIN
Figure 49. Slave Mode Timing, 2× Interpolation, DCLKPOL = 0
DACCLKIN
DATACLKIN
DATA
tHT = 2.0ns MIN
tS = 0.0ns MIN
tST = –1.0ns MIN
tH = 3.2ns MIN
Figure 50. Slave Mode Timing, 2× Interpolation, DCLKPOL = 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com