Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9786 Datasheet HTML 5Page - Analog Devices AD9786 Datasheet HTML 6Page - Analog Devices AD9786 Datasheet HTML 7Page - Analog Devices AD9786 Datasheet HTML 8Page - Analog Devices AD9786 Datasheet HTML 9Page - Analog Devices AD9786 Datasheet HTML 10Page - Analog Devices AD9786 Datasheet HTML 11Page - Analog Devices AD9786 Datasheet HTML 12Page - Analog Devices AD9786 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 60 page
background image
AD9786
Rev. 0 | Page 9 of 60
ANALOG
Table 6. Analog Pin Function Descriptions
Pin No.
Name
Direction
Description
59
REFIO
A
Reference.
60
FSADJ
A
Full-Scale Adjust.
70, 71
IOUTB, IOUTA
A
Differential DAC Output Currents.
61
DNC
Do Not Connect.
62, 79
ADVDD
Analog Domain Digital Content 2.5 V.
63, 78
ADGND
Analog Domain Digital Content 0 V.
64, 77
ACVDD
Analog Domain Clock Content 2.5 V.
65, 76
ACGND
Analog Domain Clock Content 0 V.
66, 75
AVDD2
Analog Domain Clock Switching 3.3 V.
67, 74
AGND2
Analog Domain Switching 0 V.
68, 73
AVDD1
Analog Domain Quiet 3.3 V.
69, 72
AGND1
Analog Domain Quiet 0 V.
80
DNC
Do Not Connect.
DATA
Table 7. Data Pin Function Descriptions
Pin No.
Name
Direction
Description
Input Data Port One.
ONEPORT
02h[6]
Mode
0
Latched data routed for I channel processing.
10–15, 18–24,
27–29
P1B15–P1B0
I
1
Latched data demultiplexed by IQSEL and routed for interleaved
I/Q processing.
ONEPORT
02h[6]
IQPOL
02h[1]
IQSEL/
P2B15
Mode (IQPOL = 0)
0
X
X
Latched data routed to Q channel Bit 15 (MSB)
processing.
1
0
0
Latched data on Data Port One routed to Q
channel processing.
1
0
1
Latched data on Data Port One routed to I
channel processing.
1
1
0
Latched data on Data Port One routed to I
channel processing.
32
IQSEL/P2B15
I
1
1
1
Latched data on Data Port One routed to Q
channel processing.
ONEPORT
02h[6]
0
Latched data routed for Q channel Bit 14 processing.
33
ONEPORTCLK/P2B14
I/O
1
Pin configured for output of clock at twice the channel data route.
34, 37-43,
46–51
P2B13-P2B0
I
Input Data Port Two Bits 13–0.
30
DRVDD
Digital Output Pin Supply, 2.5 V or 3.3 V.
9, 17, 26,
36, 44, 52
DVDD
Digital Domain 2.5 V.
8, 16, 25,
35, 45, 53
DGND
Digital Domain 0 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com