Electronic Components Datasheet Search
  English  ▼

X  

AD9786 Datasheet(PDF) 14 Page - Analog Devices

Part # AD9786
Description  16-Bit, 200 MSPS/500 MSPS TxDAC with 2횞/4횞/8횞 Interpolation and Signal Processing
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9786 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD9786 Datasheet HTML 10Page - Analog Devices AD9786 Datasheet HTML 11Page - Analog Devices AD9786 Datasheet HTML 12Page - Analog Devices AD9786 Datasheet HTML 13Page - Analog Devices AD9786 Datasheet HTML 14Page - Analog Devices AD9786 Datasheet HTML 15Page - Analog Devices AD9786 Datasheet HTML 16Page - Analog Devices AD9786 Datasheet HTML 17Page - Analog Devices AD9786 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 60 page
background image
AD9786
Rev. 0 | Page 14 of 60
FOUT (MHz)
200
0
20
40
60
120
140
160
180
80
100
50
100
90
95
85
80
75
70
65
60
55
0dBFS
–6dBFS
–3dBFS
Figure 9. Out of Band SFDR, FDATA = 200 MSPS, 2× Interpolation
FOUT (MHz)
260
200 220 240
0
20
40
60
120 140 160 180
80 100
50
100
90
95
85
80
75
70
65
60
55
0dBFS
–6dBFS
–3dBFS
Figure 10. Out of Band SFDR, FDATA = 125 MSPS, 4× Interpolation
FOUT (MHz)
260
0
20
40
60
120 140 160 180 200 220 240
80 100
50
100
90
95
85
80
75
70
65
60
55
–6dBFS
0dBFS
–3dBFS
Figure 11. Out of Band SFDR, FDATA = 62.5 MSPS, 8× Interpolation
FOUT (MHz)
200
0
20
40
60
120
140
160
180
80
100
50
100
90
95
85
80
75
70
65
60
55
0dBFS
–6dBFS
–3dBFS
Figure 12. Out of Band SFDR, FDATA = 100 MSPS, 4× Interpolation
FREQUENCY (MHz)
25
0
5
10
15
20
0
120
100
80
60
40
20
0dBFS
–6dBFS
–3dBFS
Figure 13. Out of Band SFDR, FDATA = 50 MSPS, 8× Interpolation
FREQUENCY (MHz)
60
0
102030
4050
0
120
100
80
60
40
20
0dBFS
–6dBFS
–3dBFS
Figure 14. Third Order IMD vs. Frequency, FDATA = 160 MSPS, 1× Interpolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com