Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 122 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 122 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 118Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 119Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 120Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 122 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
122
CLOCKING AND SAMPLE RATES
The internal clocks for the WM8993 are all derived from a common internal clock source, CLK_SYS.
This clock is the reference for the ADCs, DACs, DSP core functions, digital audio interface, Class D
switching amplifier, DC servo control and other internal functions.
CLK_SYS can either be derived directly from MCLK, or may be generated from a Frequency Locked
Loop (FLL) using MCLK, BCLK or LRCLK as a reference. Many commonly-used audio sample rates
can be derived directly from typical MCLK frequencies; the FLL provides additional flexibility for a
wide range of MCLK frequencies. To avoid audible glitches, all clock configurations must be set up
before enabling playback. The FLL can be used to generate a free-running clock in the absence of an
external reference source; see “Frequency Locked Loop (FLL)” for further details.
The WM8993 supports Manual or Automatic clocking configuration modes. In Automatic mode, the
programmable dividers associated with the ADCs, DACs, DSP core functions, Class D switching and
DC servo are configured automatically, with values determined from the CLK_SYS_RATE and
SAMPLE_RATE fields. In Automatic mode, the user must also configure the OPCLK (if required), the
TOCLK (if required) and the digital audio interface. In Manual mode, the entire clocking configuration
can be programmed according to the application requirements.
The ADC and DAC sample rates are independently selectable, relative to CLK_SYS, using ADC_DIV
and DAC_DIV. These fields must be set according to the required sampling frequency. Oversample
rates of 64fs or 128fs are supported (based on a 48kHz sample rate).
A 256kHz clock, supporting a number of internal functions, is derived from CLK_SYS, via a
programmable divider CLK_256K_DIV.
The DC servo control is clocked from CLK_SYS, via a programmable divider CLK_DCS_DIV.
The Class D switching amplifier is clocked from CLK_SYS, via a programmable divider DCLK_DIV.
A GPIO Clock, OPCLK, can be derived from CLK_SYS and output on the GPIO1 pin to provide
clocking to other devices. This clock is enabled by OPCLK_ENA and controlled by OPCLK_DIV.
A slow clock, TOCLK, is used to de-bounce the button/accessory detect inputs, and to set the
timeout period for volume updates when zero-cross detect is used. This clock is enabled by
TOCLK_ENA and controlled by TOCLK_RATE, TOCLK_RATE_X4 and TOCLK_RATE_DIV16.
In master mode, BCLK is derived from CLK_SYS via a programmable divider set by BCLK_DIV. In
master mode, the LRCLK is derived from BCLK via a programmable divider LRCLK_RATE. The
LRCLK can be derived from an internal or external BCLK source, allowing mixed master/slave
operation.
The control registers associated with Clocking and Sample Rates are shown in Table 80 to Table 85.
The overall clocking scheme for the WM8993 is illustrated in Figure 59.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com