Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 125 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 125 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 121Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 122Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 129Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
125
AUTOMATIC CLOCKING CONFIGURATION
The WM8993 supports a wide range of standard audio sample rates from 8kHz to 48kHz. The
Automatic Clocking Configuration mode simplifies the configuration of the clock dividers in the
WM8993 by deriving most of the necessary parameters from a minimum number of user registers.
Automatic Clocking Configuration mode is selected by the SR_MODE bit. When Automatic mode is
selected (SR_MODE = 0), some of the Manual clocking configuration registers are invalid and
ignored. The affected registers are indicated in Table 82 and Table 83.
In Automatic mode, the SAMPLE_RATE field selects the sample rate, fs, of the ADC and DAC. Note
that, in Automatic mode, the same sample rate always applies to the ADC and DAC.
In Automatic mode, the CLK_SYS_RATE field must be set according to the ratio of CLK_SYS to fs.
In Automatic mode, a high performance mode of DAC operation can be selected by setting the
DAC_OSR128 bit; in 48kHz sample mode, the DAC_OSR128 feature results in 128x oversampling.
Audio performance is improved, but power consumption is also increased.
In both Manual and Automatic modes, the CLK_SYS_RATE register must be set; this determines the
operating behaviour of the headphone amplifier Charge Pump circuit.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
DAC CTRL
13
DAC_OSR128
0
DAC Oversample Rate Select
0 = disabled
1 = enabled
For 48kHz sample rate, the DAC
oversample rate is 128fs when
DAC_OSR128 is selected.
This is valid in Automatic mode only.
The default is 64fs.
R65 (41h)
Clocking 3
9:7
SAMPLE_RATE
[2:0]
101
Selects the Sample Rate (fs)
000 = 8kHz
001 = 11.025kHz, 12kHz
010 = 16kHz
011 = 22.05kHz, 24kHz
100 = 32kHz
101 = 44.1kHz, 48kHz
4:1
CLK_SYS_RAT
E [3:0]
0011
Selects the CLK_SYS / fs ratio
0000 = 64
0001 = 128
0010 = 192
0011 = 256
0100 = 384
0101 = 512
0110 = 768
0111 = 1024
1000 = 1408
1001 = 1536
R66 (42h)
Clocking 4
0
SR_MODE
1
Selects Clocking Configuration mode
0 = Automatic
1 = Manual
Table 81 Automatic Clocking Configuration Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com