Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 128 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 128 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 132Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
128
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
Clocking 1
8:6
DCLK_DIV
[2:0]
111
Class D Clock Divider
000 = CLK_SYS
001 = CLK_SYS / 2
010 = CLK_SYS / 3
011 = CLK_SYS / 4
100 = CLK_SYS / 6
101 = CLK_SYS / 8
110 = CLK_SYS / 12
111 = CLK_SYS / 16
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.
R65 (41h)
Clocking 3
13:10
CLK_DCS_DIV
[3:0]
1000
DC Servo Clock Divider
0000 = CLK_SYS
0001 = CLK_SYS / 1.5
0010 = CLK_SYS / 2
0011 = CLK_SYS / 2.5
0100 = CLK_SYS / 3
0101 = CLK_SYS / 4
0110 = CLK_SYS / 5.5
0111 = CLK_SYS / 6
1000 = CLK_SYS / 8
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.
R66 (42h)
Clocking 4
6:1
CLK_256K_DIV
[5:0]
2Fh
256kHz Clock Divider
0d = CLK_SYS
1d = CLK_SYS / 2
2d = CLK_SYS / 3
….
63d = CLK_SYS / 64
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.
Table 83 256k, DC Servo, Class D Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com