Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 127 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 127 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 123Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 124Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 125Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 126Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 127Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 128Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 129Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 131Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
127
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R14 (0Eh)
ADC CTRL
9
ADC_OSR128
1
ADC Oversample Rate Select
0 = disabled
1 = enabled
For 48kHz sample rate, the ADC
oversample rate is 128fs when
ADC_OSR128 is selected. Setting this
bit to 0 selects 64fs mode.
Default is 128fs.
R65 (41h)
Clocking 3
0
CLK_DSP_ENA
0
CLK_DSP enable
0 = disabled
1 = enabled
R66 (42h)
Clocking 4
9
DAC_DIV4
1
DAC Divide-by-4 select
0 = DAC_DIV
1 = DAC_DIV / 4
Note - this field is ignored and invalid in
Automatic Clocking Configuration mode.
Table 82 ADC / DAC Clock Control
256K, DC SERVO, CLASS D CLOCK CONTROL
Clocking is required to support a variety of other functions on the WM8993, including the DC Servo
and the Class D amplifier. In Manual Clocking Configuration mode, these are controlled using the
register bits described in Table 83. In Automatic Clocking Configuration mode, these are configured
automatically by the WM8993.
The DCLK_DIV register controls the Class D amplifier switching frequency. The DCLK_DIV register
should be set to derive a clock frequency of around 768kHz. Note that there is an additional divide by
two in the output stage producing a 384kHz switching frequency. The class D switching clock
frequency should not be altered while the speaker output is active as this may generate an audible
click.
The CLK_DCS_DIV register controls the DC Servo clocking frequency. The CLK_DCS_DIV register
should be set to derive a clock frequency of around 1.5MHz.
The CLK_256K_DIV register controls the 256kHz clocking for other circuits, including the Control
Write Sequencer. The CLK_256K_DIV register should be set to derive a clock frequency of around
256kHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com