Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 22 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 22 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 18Page - Texas Instruments LM3559 Datasheet HTML 19Page - Texas Instruments LM3559 Datasheet HTML 20Page - Texas Instruments LM3559 Datasheet HTML 21Page - Texas Instruments LM3559 Datasheet HTML 22Page - Texas Instruments LM3559 Datasheet HTML 23Page - Texas Instruments LM3559 Datasheet HTML 24Page - Texas Instruments LM3559 Datasheet HTML 25Page - Texas Instruments LM3559 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
tBLINK
tPWM
ITORCH_MIN
Duty
Cycle
tBLINK set via bits [7:6] of Privacy Register
Duty cycle set via bits [2:0] of Privacy Register
tPWM set via bits[2:0] of the Privacy PWM Register
22
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Device Functional Modes (continued)
Figure 36. Privacy Indicate Timing
8.4.6 GPIO1 Mode
With bit [0] of the GPIO Register set to 1, the TX1/TORCH/GPIO1 pin is configured as a logic I/O. In this mode
the TX1/TORCH/GPIO1 pin is readable and writable as a logic input/output via bits [2:1] of the GPIO Register.
See Table 9.
8.4.7 TX2/INT/GPIO2
The TX2/INT/GPIO2 pin has a triple function. In TX2 mode (default) the TX2/INT/GPIO2 pin is an active high
flash interrupt. With GPIO Register bit [3] = 1 the TX2/INT/GPIO2 pin is configured as general purpose logic I/O.
With GPIO Register bit [6] = 1, and with the TX2/INT/GPIO2 pin configured as a GPIO2 output, the
TX2/INT/GPIO2 pin is an interrupt output.
8.4.8 TX2 Mode
In TX2 mode, when Configuration Register 1, bit [6] = 0, the TX2/INT/GPIO2 pin has active low polarity. Under
this condition when the LM3559 is engaged in a flash event and TX2 is pulled low, both LED1 and LED2 are
forced into torch mode. In TX2 mode with Configuration Register 1, bit [6] = 1 the TX2/INT/GPIO2 input has
active high polarity. Under this condition when the LM3559 is engaged in a flash event and the TX2/INT/GPIO2
pin is driven high, both LED1 and LED2 are forced into torch mode. During a flash interrupt event if the
TX2/INT/GPIO2 input is disengaged the LED current returns to the previous flash current level. During a flash
event, if TX2 is active, the LED current sources still turn off after the flash timeout. Figure 25 details the
functionality of the TX2 Interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com