Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 16 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 12Page - Texas Instruments LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments LM3559 Datasheet HTML 15Page - Texas Instruments LM3559 Datasheet HTML 16Page - Texas Instruments LM3559 Datasheet HTML 17Page - Texas Instruments LM3559 Datasheet HTML 18Page - Texas Instruments LM3559 Datasheet HTML 19Page - Texas Instruments LM3559 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
STROBE
LED
Current
Flash Timeout
VIN_MON_TH
Input
Voltage
ITORCH
IFLASH
Deglitch Time
(250 Ps)
16
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.5.4.1.3
Updating The Message Indicator
The best way to update the message indicator is to disable the message indicator output via the Enable Register
bit [7], write the new sequence to the Indicator Register and/or Indicator Blinking Register, and then re-enable the
message indicator. Updating the Indicator Registers on the fly can lead to long delays between pattern changes.
This is especially true if the PERIOD# or BLANK# setting is changed from a high setting to a lower setting.
8.3.6 Input Voltage (VIN ) Monitor
The LM3559 has an internal comparator at IN that monitors the input voltage and can force the LED current into
torch mode or into shutdown, if VIN falls below the programmable VIN monitor threshold. Bit 0 in the VIN Monitor
Register enables or disables this feature. Bits [2:1] of the VIN Monitor Register program the 4 adjustable
thresholds of 2.9 V, 3 V, 3.1 V, and 3.2 V. Bit 3 in Configuration Register 2 selects whether an undervoltage
event forces torch mode or forces the LEDs off. See Table 13 for additional information. When the VIN monitor is
active and VIN falls below the programmed VIN Monitor threshold, the active current sources (LED1 and/or
LED2) either turns off or is forced into the torch current setting. To reset the LED current to its previous level, VIN
must go above the VIN monitor threshold and the Flags Register must be read back. See Figure 30 for the VIN
monitor timing waveform.
To avoid noise from falsely triggering the VIN monitor, this mode incorporates a 250 µs deglitch timer. With the
VIN monitor active, VIN must go below the VIN monitor threshold (VIN_TH) and remain below it for 250 µs before
the LEDs are forced into torch mode (or shut down) and the VIN monitor flag is written.
Figure 30. VIN Monitor Waveform
8.3.7 VIN Flash Monitor (Flash Current Rising)
A second comparator at IN is available to monitor the input voltage during the flash current turnon. Bit [3] of the
VIN Monitor Register enables/disables this feature. With this bit set to 1 the VIN flash monitor is active. Bits [5:4]
of the VIN Monitor Register program the 4 selectable thresholds of (2.9 V, 3 V, 3.1 V, and 3.2 V). The feature
operates as follows: during flash current turnon the active current sources (LED1 and/or LED2) transition through
each of the lower flash and torch current levels until the target flash current is reached. With the VIN flash monitor
active, if the input voltage falls below the VIN flash monitor threshold during the flash current turnon,the flash
current is set to the level that the current ramp had risen to at the time of the undervoltage event. The VIN flash
monitor only operates during the ramping up of the flash LED current.
The VIN flash monitor ignores the first 2 flash codes during the flash pulse turnon. As a result, if the VIN flash
monitor is enabled, and VIN were to fall below the VIN flash threshold as the LED current ramps up through either
of the first two levels, then the flash pulse would not be halted until code #3 (168.75-mA per current source).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com