Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 6 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 2Page - Texas Instruments LM3559 Datasheet HTML 3Page - Texas Instruments LM3559 Datasheet HTML 4Page - Texas Instruments LM3559 Datasheet HTML 5Page - Texas Instruments LM3559 Datasheet HTML 6Page - Texas Instruments LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments LM3559 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 50 page
background image
6
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
Unless otherwise specified, VIN = 3.6 V, VHWEN = VIN, TA = 25°C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ƒSW
Switching frequency
2.7 V
≤ VIN ≤ 5.5 V
2
MHz
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤ 85°C
1.8
2.2
IQ
Quiescent supply
current
Device not switching, VOUT = 3V
650
µA
Device switching, VOUT = 4.5V
1.55
mA
Indicate mode, Indicator Register bits [2:0] = 111
VLEDI/NTC = 2 V
590
µA
Indicate mode, Indicator Register bits [2:0] = 111
VLEDI/NTC = 2 V, –40°C ≤ TA ≤ 85°C
750
ISHDN
Shutdown supply
current
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤
85°C
HWEN = GND
1
µA
ISTBY
Standby supply
current
2.7 V
≤ VIN ≤ 5.5 V
HWEN = VIN,
Enable Register
bits [1:0] = 00
1.25
µA
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤
85°C
2.4
VIN_TH
VIN monitor threshold
VIN Monitor Register = 0x01
2.9
V
VIN Monitor Register = 0x01, –40°C
≤ TA ≤ 85°C
2.85
2.95
VIN_FLASH_TH
VIN flash monitor
threshold
VIN Monitor Register = 0x08
2.9
V
VIN Monitor Register = 0x08, –40°C
≤ TA ≤ 85°C
2.85
2.95
tTX
Flash-to-torch LED
current settling time
TX_ Low to High
ILED1 + ILED2 = 1.8A to 112.5mA
20
µs
tD
Time from when ILED
hits target until VLED
data is available
ADC Delay Register bit [5] = 1
16
µs
ADC Delay Register bit [5] = 0
ADC Delay Register bits [4:0] = 0000
250
VF_ADC
ADC threshold
VLED Monitor Register bits [3:0] = 1111
4.6
V
VLED Monitor Register bits [3:0] = 1111
–40°C
≤ TA ≤ 85°C
4.4
4.8
HWEN, STROBE, TX1/TORCH/GPIO1, TX2/INT/GPIO2 VOLTAGE SPECIFICATIONS
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤ 85°C
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤ 85°C
1.2
VIN
V
RPD
Internal pulldown
resistance on TX1,
TX2, STROBE
300
k
Ω
I2C-COMPATIBLE VOLTAGE SPECIFICATIONS (SCL, SDA)
VIL
Input logic low
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤ 85°C
0
0.4
V
VIH
Input logic high
2.7 V
≤ VIN ≤ 5.5 V
1.3
VIN
V
VOL
Output logic low
(SDA)
ILOAD = 3 mA
2.7 V
≤ VIN ≤ 5.5 V, –40°C ≤ TA ≤ 85°C
0.4
V
(1)
Specified by design, not production tested.
6.6 I
2C Timing Requirements (SCL, SDA)
See
(1)
MIN
NOM
MAX
UNIT
1/t1
SCL(clock frequency)
400
kHz
t2
Data in setup time to SCL high
100
ns
t3
Data out stable after SCL low
0
ns
t4
SDA low setup time to SCL low (start)
100
ns
t5
SDA high hold time after SCL high (stop)
100
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com