Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 5 Page - Texas Instruments

  LM3559 Datasheet HTML 1Page - Texas Instruments LM3559 Datasheet HTML 2Page - Texas Instruments LM3559 Datasheet HTML 3Page - Texas Instruments LM3559 Datasheet HTML 4Page - Texas Instruments LM3559 Datasheet HTML 5Page - Texas Instruments LM3559 Datasheet HTML 6Page - Texas Instruments LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 50 page
background image
5
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
(1)
All voltages are with respect to the potential at the GND pin.
(2)
Minimum (MIN) and maximum (MAX) limits are specified by design, test, or statistical analysis. Typical (TYP) numbers represent the
most likely norm. Unless otherwise stated, conditions for typical specifications are: VIN = 3.6 V and TA = 25°C.
(3)
The typical curve for overvoltage protection (OVP) is measured in closed loop using Figure 43 . The OVP value is found by forcing an
open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in Electrical Characteristics is found in
an open loop configuration by ramping the voltage at OUT until the OVP comparator trips. The closed loop data can appear higher due
to the stored energy in the inductor being dumped into the output capacitor after the OVP comparator trips. Worst case is an open circuit
condition where the output voltage can continue to rise after the OVP comparator trips by approximately IIN × sqrt(L/COUT).
(4)
The typical curve for current limit is measured in closed loop using Figure 43, and increasing IOUT until the peak inductor current stops
increasing. The value given in Electrical Characteristics is measured open loop and is found by forcing current into SW until the current
limit comparator threshold is reached. Closed loop data appears higher due to the delay between the comparator trip point and the
NFET turning off. This delay allows the closed loop inductor current to ramp higher after the trip point by approximately 20 ns × VIN/L.
6.5 Electrical Characteristics
Unless otherwise specified, VIN = 3.6 V, VHWEN = VIN, TA = 25°C.
(1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
CURRENT SOURCE SPECIFICATIONS
ILED
Current source
accuracy
ILED1 + ILED2, 3 V
≤ VIN ≤ 4.2 V,
VOUT = 4.5 V
900-mA flash current setting, per
current source
–7%
1800
7%
mA
900-mA flash current setting, per
current source
–40°C
≤ TA ≤ 85°C
–4%
1800
4%
28.125-mA torch current, per
current source
–10%
56.2
10%
28.125-mA torch current, per
current source
–40°C
≤ TA ≤ 85°C
VOUT – VLED1/2
Current source
regulation voltage
ILED = 1.8 A (ILED1 + ILED2), VOUT = 4.5 V
270
mV
VOVP
Output overvoltage
protection trip point(3)
ON threshold
5
V
ON threshold, –40°C
≤ TA ≤ 85°C
4.925
5.075
OFF threshold
4.88
STEP-UP DC-DC CONVERTER SPECIFICATIONS
RPMOS
PMOS switch on-
resistance
IPMOS = 1A
80
m
Ω
RNMOS
NMOS switch on-
resistance
INMOS = 1A
80
m
Ω
ICL
Switch current limit(4)
3 V
≤ VIN ≤ 4.2 V
Flash Duration
Register bits
[6:5] = 00
1.4
A
3 V
≤ VIN ≤ 4.2 V
–40°C
≤ TA ≤ 85°C
1.2
1.6
3 V
≤ VIN ≤ 4.2 V
Flash Duration
Register bits
[6:5] = 01
2.1
3 V
≤ VIN ≤ 4.2 V
–40°C
≤ TA ≤ 85°C
1.8
2.3
3 V
≤ VIN ≤ 4.2 V
Flash Duration
Register bits
[6:5] = 10
2.7
3 V
≤ VIN ≤ 4.2 V
–40°C
≤ TA ≤ 85°C
2.4
3
3 V
≤ VIN ≤ 4.2 V
Flash Duration
Register bits
[6:5] = 11
3.2
3 V
≤ VIN ≤ 4.2 V
–40°C
≤ TA ≤ 85°C
2.9
3.5
IOUT_SC
Output short-circuit
current limit
VOUT < 2.3 V
350
mA
ILEDI/NTC
Indicator current
Register 0x12, bits[2:0] = 111, 2.7 V
≤ VIN ≤ 4.2 V
VLEDI/NTC = 2 V, –40°C ≤ TA ≤ 85°C
18
mA
Register 0x12, bits[2:0] = 111, 2.7 V
≤ VIN ≤ 4.2 V
VLEDI/NTC = 2 V
16
20
VTRIP
Comparator trip
threshold
Configuration register 1, bit [4] = 1,
3 V
≤ VIN ≤ 4.2 V
1
V
Configuration register 1, bit [4] = 1,
3 V
≤ VIN ≤ 4.2 V, –40°C ≤ TA ≤ 85°C
0.97
1.03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com