Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 14 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 10Page - Texas Instruments LM3559 Datasheet HTML 11Page - Texas Instruments LM3559 Datasheet HTML 12Page - Texas Instruments LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments LM3559 Datasheet HTML 15Page - Texas Instruments LM3559 Datasheet HTML 16Page - Texas Instruments LM3559 Datasheet HTML 17Page - Texas Instruments LM3559 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
8.3.3 Independent LED Control
Bits [4:3] of the enable register provide for independent turnon and turnoff of the LED1 or LED2 current sources.
The LED current is adjusted by writing to the Torch Brightness or Flash Brightness Registers. Both the Torch
Brightness and the Flash Brightness Register provide for independent current programming for the LED currents
in either LED1 or LED2. (See Torch Brightness Register and Flash Brightness Register descriptions.)
8.3.4 Hardware Torch
With Configuration Register 1 Bit [7] = 1, TX1/TORCH is configured as a hardware-torch-mode enable. In this
mode (TORCH mode), a high at TX1/TORCH turns on the LED current at the programmed torch current setting.
The STROBE input and I2C-enabled flash takes precedence over torch mode. In hardware-torch mode, both
LED1 and LED2 current sources turn off after a flash event ,and Configuration Register 1 Bit [7] is reset to 0. In
this situation, to re-enter torch mode via hardware torch, the hardware-torch enable bit (Configuration Register 1
Bit [7]) must be reset to 1. Figure 26 details the functionality of the TX1/TORCH/GPIO1 input.
8.3.5 Fault Protections
8.3.5.1 Overvoltage Protection
The output voltage is limited to typically 5 V (5.075 V maximum). In situations such as the current source open,
the LM3559 raises the output voltage in order to keep the LED current at its target value. When VOUT reaches 5
V the overvoltage comparator trips and turns off both the internal NFET and PFET switches. When VOUT falls
below 4.88 V (typical), the LM3559 begins switching again.
8.3.5.2 Current Limit
The LM3559 features 4 selectable current limits: 1.4 A, 2.1 A, 2.7 A, and 3.2 A. These are programmable
through the I2C-compatible interface via bits [6:5] of the Flash Duration Register. When the current limit is
reached, the LM3559 stops switching for the remainder of the switching cycle.
Since the current limit is sensed in the NMOS switch there is no mechanism to limit the current when the device
operates in pass mode. In situations where there could potentially be large load currents at OUT and the LM3559
is operating in pass mode, the load current must be limited to 3 A. In boost mode or pass mode, if VOUT falls
below approximately 2.3 V the part stops switching, and the PFET operates as a current source, limiting the
current to typically 350 mA. This prevents damage to the LM3559 and prevents excessive current draw from the
battery during output short-circuit conditions.
8.3.5.3 Flash Timeout
The flash-timeout period sets the amount of time that the flash current is being sourced from current sources
LED1 and LED2. Bits [4:0] of the Flash Duration Register set the flash-timeout period. There are 32 different
flash-timeout durations in steps of 32 ms giving a flash timeout range of 32 ms to 1024 ms (see Table 5).
8.3.5.4 Indicator LED/Thermistor (LEDI/NTC)
The LEDI/NTC pin serves a dual function, either as a programmable LED message indicator driver, or as a
comparator input for negative temperature coefficient (NTC) thermistors.
8.3.5.4.1
Message Indicator Current Source (LEDI/NTC)
LEDI/NTC is configured as a message indicator current source by setting Configuration Register 1 bit [4] = 0.
The indicator current source is enabled/disabled via Enable Register bit [6]. Enable Register bit [7] programs the
message indictor for blinking mode. When the message indicator is set for blinking mode the pattern
programmed into the Indicator Register and Indicator Blinking Register is sent to the message indicator current
source.
The Indicator Blinking Register controls the following (see Table 17):
1. Number of blank periods (BLANK#. This has 16 settings. tBLANK = tACTIVE × BLANK# , where tACTIVE = tPERIOD
× PERIOD#
2. Pulse width (tPULSE) has 16 settings between 0 and 480 ms in steps of 32 ms. The pulse width is the duration
which the indicator current is at its programmed set point at the end of the ramp-up time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com