Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 37 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 37 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 33Page - Texas Instruments LM3559 Datasheet HTML 34Page - Texas Instruments LM3559 Datasheet HTML 35Page - Texas Instruments LM3559 Datasheet HTML 36Page - Texas Instruments LM3559 Datasheet HTML 37Page - Texas Instruments LM3559 Datasheet HTML 38Page - Texas Instruments LM3559 Datasheet HTML 39Page - Texas Instruments LM3559 Datasheet HTML 40Page - Texas Instruments LM3559 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
where
IN
IN
OUT
(
)
- V
V
x
V
L =
I
'
OUT
SW
V
x
L
x
f
x
2
I
+
x
R
=
V
L
ESR
ESR
'
'
V
x
I
OUT
LED
VIN
¹
·
©
§
Q =
V
'
(
)
IN
OUT
LED
- V
V
x
I
OUT
OUT
SW
C
x
V
x
f
37
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Applications (continued)
9.2.1.1 Design Requirements
For typical LED flash driver applications, use the parameters listed in Table 19.
Table 19. Design Parameters
DESIGN PARAMETER
EXAMPLE VALUE
Minimum input voltage
2.5 V
Minimum output voltage
1.8 V
Maximum output voltage
5 V
Maximum output current
1.8 A
Switching frequency
2 MHz
9.2.1.2 Detailed Design Procedure
9.2.1.2.1
Output Capacitor Selection
The LM3559 is designed to operate with at least a 10-µF ceramic output capacitor. When the boost converter is
running the output capacitor supplies the load current during the boost converters on time. When the NMOS
switch turns off the inductor energy is discharged through the internal PMOS switch, supplying power to the load
and restoring charge to the output capacitor. This causes a sag in the output voltage during the on time and a
rise in the output voltage during the off time. Therefore, choose the output capacitor to limit the output ripple to
an acceptable level depending on load current and input/output voltage differentials and also to ensure the
converter remains stable.
For proper operation the output capacitor must be at least a 10-µF ceramic. Larger capacitors such as a 22-µF or
capacitors in parallel can be used if lower output voltage ripple is desired. To estimate the output voltage ripple
considering the ripple due to capacitor discharge (
ΔVQ) and the ripple due to the equivalent series resistance
(ESR) of the capacitor (
ΔVESR) use Equation 1 and Equation 2:
For continuous conduction mode, the output voltage ripple due to the capacitor discharge is:
(1)
The output voltage ripple due to the output capacitors ESR is found by:
(2)
In ceramic capacitors the ESR is very low so a close approximation is to assume that 80% of the output voltage
ripple is due to capacitor discharge and 20% from ESR. Table 20 lists different manufacturers for various output
capacitors and their case sizes suitable for use with the LM3559.
9.2.1.2.2
Input Capacitor Selection
Choosing the correct size and type of input capacitor helps minimize the voltage ripple caused by the switching
of the device boost converter, and reduces noise on the input terminal of the boost converter that can feed
through and disrupt internal analog signals. In the Figure 43 a 10-µF ceramic input capacitor works well. It is
important to place the input capacitor as close as possible to the device input (IN) pin. This reduces the series
resistance and inductance that can inject noise into the device due to the input switching currents. Table 20 lists
various input capacitors that TI recommends for use with the LM3559.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com