Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 11 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments LM3559 Datasheet HTML 10Page - Texas Instruments LM3559 Datasheet HTML 11Page - Texas Instruments LM3559 Datasheet HTML 12Page - Texas Instruments LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments LM3559 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 50 page
background image
11
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The LM3559 is a high-power white LED flash driver capable of delivering up to 1.8 A of LED current into a single
LED, or up to 900 mA into two parallel LEDs. The device incorporates a 2-MHz constant frequency, synchronous
boost converter, and two high-side current sources to regulate the LED current over the 2.5-V to 5.5-V input
voltage range.
During operation when the output voltage is greater than VIN – 150 mV, the boost converter switches and
maintains at least 270 mV across both current sources (LED1 and LED2). This minimum headroom voltage
ensures that the current sinks remain in regulation. When the input voltage rises above the LED voltage + current
source headroom voltage, the device stops switching and turns the PFET on continuously (pass mode). In pass
mode the difference between (VIN - ILED × RON_P) and the voltage across the LEDs is dropped across the current
sources.
Four hardware control pins provide control of the LM3559 device. These include a hardware flash enable
(STROBE), dual flash-interrupt inputs (TX1 and TX2) designed to interrupt the flash pulse during high-battery
current conditions, and a logic high hardware enable (HWEN) that can be pulled low to rapidly place the device
into shutdown. Additional features of the LM3559 include an internal 4-bit ADC for LED voltage monitoring, an
internal comparator for LED thermal sensing via an external NTC thermistor, a battery voltage monitor during
flash current turnon which monitors VIN and optimizes the flash current during low-battery voltage conditions, an
input voltage monitor that can force torch mode or LED shutdown of the flash current during input undervoltage
conditions, a low-power Indicator current source with programmable patterns, and a mode for utilizing the flash
LEDs as a privacy indicator.
Control of the LM3559 is done via an I2C-compatible interface. This includes adjustment of the flash and torch
current levels, adjustment of the indicator LED currents and indicator pattern, changing the flash timeout
duration, changing the switch current limit, and reading back the ADC results. Additionally, there are 8 flag bits
that indicate flash current timeout, LED overtemperature, LED failure (by sensing LED short or output OVP
condition during flash, torch, or privacy modes), device thermal shutdown, VIN undervoltage condition, tripping of
the VIN flash monitor, and the occurrence of a TX interrupt (both TX1 and TX2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com