Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 33 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 29Page - Texas Instruments LM3559 Datasheet HTML 30Page - Texas Instruments LM3559 Datasheet HTML 31Page - Texas Instruments LM3559 Datasheet HTML 32Page - Texas Instruments LM3559 Datasheet HTML 33Page - Texas Instruments LM3559 Datasheet HTML 34Page - Texas Instruments LM3559 Datasheet HTML 35Page - Texas Instruments LM3559 Datasheet HTML 36Page - Texas Instruments LM3559 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 11. VLED Monitor Register Descriptions
Bit 7
(Not Used)
Bit 6
(End of
Conversion)
Bit 5
(Shutdown)
Bit 4
(Manual Mode
Enable)
Bit 3
(ADC3)
Bit 2
(ADC2)
Bit 1
(ADC1)
Bit 0
(ADC0)
N/A
0 = Conversion
in progress
(default)
0 = ADC is
enabled
(default)
0 = Manual
mode disabled
(default)
0000 = (VLED < 3.2 V) (default)
0001 = (3.2 V
≤ VLED < 3.3 V)
0010 = (3.3 V
≤ VLED < 3.4 V)
0011 = (3.4 V
≤ VLEDD < 3.5 V)
0100 = (3.5 V
≤ VLED < 3.6 V)
0101 = (3.6 V
≤ VLED < 3.7 V)
0110 = (3.7 V
≤ VLED < 3.8 V)
0111 = (3.8 V
≤ VLED < 3.9 V)
1000 = (3.9 V
≤ VLED < 4 V)
1001 = (4 V
≤ VLED < 4.1 V)
1010 = (4.1 V
≤ VLED < 4.2 V)
1011 = (4.2 V
≤ VLED < 4.3 V)
1100 = (4.3 V
≤ VLED < 4.4 V)
1101 = (4.4 V
≤ VLED < 4.5 V)
1110 = (4.5 V
≤ VLED < 4.6 V)
1111 = (4.6 V
≤ VLED)
1 = Conversion
done
1 = ADC is
shutdown, no
conversion is
performed
1 = Manual
mode is
enabled
8.6.11 ADC Delay Register
The ADC Delay Register programs the delay from when the EOC bit goes low to when a conversion is initiated.
This delay applies to both manual mode and automatic mode. Bit 5 is the no-delay bit and can set the delay to
effectively 0 (see Table 12, Figure 32, and Figure 33).
Table 12. ADC Delay Register
Bit 7
(Not Used)
Bit 6
(Not used)
Bit 5 (No Delay)
Bit 4 (D1)
Bit 3 (D2)
Bit 2 (D3)
Bit 1 (D4)
Bit 0 (D5)
N/A
0 = Delay is set by bits [4:0]
(default)
Bits [4:0] programs the delay from when the EOC bit goes low to when a
conversion is started (250 µs/step).
00000 = 250 µs (default)
:
:
:
:
11111 = 8ms
1 = no delay from when the
EOC goes low to when the
conversion is started.
8.6.12 Input Voltage Monitor Register
The VIN Monitor Register contains the enable bit for the VIN monitor, the threshold select for the VIN monitor, the
enable bit for the VIN flash monitor, and the threshold select for the VIN flash monitor (see Table 13).
Table 13. VIN Monitor Register
Bit 7
(Not used)
Bit 6
(Not used)
Bit 5
(VIN Flash
Monitor
Threhold 1)
Bit 4
(VIN Flash
Monitor
Threhold 0)
Bit 3
(VIN Flash
Monitor
Enable)
Bit 2
(VIN Monitor
Threshold 1)
Bit 1
(VIN Monitor
Threshold 0)
Bit 0
(VIN Monitor
Enable)
N/A
00= 2.9 V (default)
01 = 3 V
10 = 3.1 V
11 = 3.2 V
0 = VIN monitor
is disabled
(default)
00 = 2.9 V (default)
01= 3 V
10 = 3.1 V
11 = 3.2 V
0 = VIN monitor
disabled (default)
1 = VIN monitor
is enabled
1 = VIN
monitorenabled
8.6.13 Privacy Register
The Privacy Register contains the bits to control which current source is used for the privacy indicator (LED1 or
LED2 or both), whether the privacy indicator turns off or remains on after the flash pulse terminates, and the duty
cycle settings (between 10% and 80%) for setting the privacy LED current (see Table 14).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com