Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 6Page - Texas Instruments LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments LM3559 Datasheet HTML 10Page - Texas Instruments LM3559 Datasheet HTML 11Page - Texas Instruments LM3559 Datasheet HTML 12Page - Texas Instruments LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 50 page
background image
10
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Typical Characteristics (continued)
Unless otherwise specified: VIN = 3.6 V, COUT = 10 µF, CIN = 10 µF, L = 1 µH (TOKO FDSD0312-1R0, RL = 43 mΩ),
Figure 43.
Figure 19. VIN Flash Monitor Operation
Figure 20. NTC-Mode Operation
Figure 21. AET-Mode Operation
Figure 22. HWEN Operation Device Enabled in Flash Mode
Figure 23. TX1 Interrupt (Force Torch)
TX2 Active High
Figure 24. TX2 Interrupt (Forced Shutdown)
(1)
The typical curve for current limit is measured in closed loop using Figure 43, and increasing IOUT until the peak
inductor current stops increasing. The value given in Electrical Characteristics is measured open loop and is found by
forcing current into SW until the current limit comparator threshold is reached. Closed loop data appears higher due to
the delay between the comparator trip point and the NFET turning off. This delay allows the closed loop inductor
current to ramp higher after the trip point by approximately 20 ns × VIN/L.
(2)
The typical curve for overvoltage protection (OVP) is measured in closed loop using Figure 43 . The OVP value is
found by forcing an open circuit in the LED1 and LED2 path and recording the peak value of VOUT. The value given in
Electrical Characteristics is found in an open loop configuration by ramping the voltage at OUT until the OVP
comparator trips. The closed loop data can appear higher due to the stored energy in the inductor being dumped into
the output capacitor after the OVP comparator trips. Worst case is an open circuit condition where the output voltage
can continue to rise after the OVP comparator trips by approximately IIN × sqrt(L/COUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com