Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 13Page - Texas Instruments LM3559 Datasheet HTML 14Page - Texas Instruments LM3559 Datasheet HTML 15Page - Texas Instruments LM3559 Datasheet HTML 16Page - Texas Instruments LM3559 Datasheet HTML 17Page - Texas Instruments LM3559 Datasheet HTML 18Page - Texas Instruments LM3559 Datasheet HTML 19Page - Texas Instruments LM3559 Datasheet HTML 20Page - Texas Instruments LM3559 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
LED Current
VIN
0
Flash Current Target = 1125 mA
32 Ps
VIN Flash
Monitor
Threshold
Flash Current Limited to 900 mA
17
LM3559
www.ti.com
SNVS624B – JUNE 2011 – REVISED JUNE 2016
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Feature Description (continued)
To avoid noise from falsely triggering the VIN flash monitor, this mode incorporates an 8-µs deglitch timer as well
as an internal analog filter at the input of the VIN flash monitor comparator. With the VIN flash monitor active, VIN
must go below the VIN flash monitor threshold (VIN_FLASH) and remain below it for 8 µs before the flash current
ramp is halted and the VIN flash monitor flag is written.
8.3.8 Last Flash Register
Once the VIN flash monitor is tripped, the flash code that corresponded to the LED current at which the flash
current ramp was halted is written to the Last Flash Register. The Last Flash Register is a read-only register; the
lower 4 bits are available to latch the code for LED1 and the upper 4 bits to latch the code for LED2.
For example, suppose that the LM3559 device is set up for a single LED with a target flash current of 1125 mA.
The VIN flash monitor is enabled with the VIN flash monitor threshold set to 3. V (VIN Monitor Register bits [5:4] =
0, 1). When the STROBE input is brought high, the LED current begins ramping up through the torch and flash
codes at 32 µs per code. As the input current increases, the input voltage at the device IN pin begins to fall due
to the source impedance of the battery. By the time the LED current has reached 900 mA (code 0x77 or 450 mA
per current source), VIN falls below 3 V. The VIN flash monitor then stops the flash current ramp and the device
continues to proceed with the flash pulse, but at 900 mA instead of 1125 mA. Figure 31 details this sequence.
Figure 31. VIN Flash Monitor Example
8.3.9 LED Voltage Monitor
The LM3559 includes a 4-bit ADC which monitors the LED forward voltage (VLED) and stores the digitized value
in bits [3:0] of the VLED Monitor Register. The highest voltage of VLED1 or VLED2 is automatically sensed and
that becomes the sample point for the ADC. Bit 5, the ADC shutdown bit, enables or disables the ADC with the
default state set to enable (bit [5] = 0).
8.3.10 ADC Delay
The ADC Delay Register provides for a programmable delay from 250 µs to 8 ms, in steps of 250 µs. This delay
is the delay from when the EOC bit goes low to when the VLED monitor samples the LED voltage. In automatic
mode the EOC bit goes low when the Flash LED current hits its target. In manual mode the EOC bit goes low at
the end of a readback of the VLED Monitor Register (or when the manual mode bit (bit 4) is re-written with a 1).
Figure 32 and Figure 33 detail the timing of the VLED Monitor for both automatic mode and manual mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com