Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 36 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 32Page - Texas Instruments LM3559 Datasheet HTML 33Page - Texas Instruments LM3559 Datasheet HTML 34Page - Texas Instruments LM3559 Datasheet HTML 35Page - Texas Instruments LM3559 Datasheet HTML 36Page - Texas Instruments LM3559 Datasheet HTML 37Page - Texas Instruments LM3559 Datasheet HTML 38Page - Texas Instruments LM3559 Datasheet HTML 39Page - Texas Instruments LM3559 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 50 page
background image
Copyright © 2016, Texas Instruments Incorporated
HWEN
SCL
SDA
STROBE
TX1/TORCH/GPIO1
IN
OUT
GND
LED1
LED2
LEDI/NTC
SW
TX2/INT/GPIO2
D2
LM3559
Optional Indicator
LED or LED
Thermal Sensing
Circuit
Flash
LEDs
D1
2.5 V to 5.5 V
36
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
The LM3559 is a synchronous boost flash driver with dual 900-mA high-side current sources. The 2-MHz DC-DC
boost regulator allows for the use of small external components. The device operates from a typical input voltage
from 2.5 V to 5.5 V and an ambient temperature range of –40°C to +85°C.
Table 18. Application Circuit Component List
COMPONENT
MANUFACTURER
VALUE
PART NUMBER
SIZE
RATING
L
Toko
1 µH
FDSD0312-1R0
3 mm × 3 mm × 1.2 mm
3.3 A
CIN/COUT
Murata
10 µF
GRM188R60J106M
1.6 mm × 0.8 mm × 0.8 mm
(0603)
6.3 V
LEDs
Lumiled
PWF-4
VF = 3.6 V at 1 A
9.2 Typical Applications
9.2.1 LM3559 Typical Application
Figure 43. LM3559 Typical Application



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com