Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 38 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 38 Page - Texas Instruments

Back Button LM3559 Datasheet HTML 34Page - Texas Instruments LM3559 Datasheet HTML 35Page - Texas Instruments LM3559 Datasheet HTML 36Page - Texas Instruments LM3559 Datasheet HTML 37Page - Texas Instruments LM3559 Datasheet HTML 38Page - Texas Instruments LM3559 Datasheet HTML 39Page - Texas Instruments LM3559 Datasheet HTML 40Page - Texas Instruments LM3559 Datasheet HTML 41Page - Texas Instruments LM3559 Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 50 page
background image
PEAK
I
LOAD
I
=
K
x
L
I
+ '
where
L =
I
'
IN x
V
(
)
IN
OUT - V
V
OUT
SW
V
x
L
x
f
x
2
IN
OUT
V
V
38
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
www.ti.com
Product Folder Links: LM3559
Submit Documentation Feedback
Copyright © 2011–2016, Texas Instruments Incorporated
Table 20. Recommended Input/Output Capacitors (X5r Dielectric)
MANUFACTURER
PART NUMBER
VALUE
CASE SIZE
VOLTAGE RATING
TDK Corporation
C1608JB0J106M
10 µF
0603 (1.6 mm × 0.8 mm × 0.8 mm)
6.3 V
TDK Corporation
C2012JB1A106M
10 µF
0805 (2 mm × 1.25 mm ×1.25 mm)
10 V
TDK Corporation
C2012JB0J226M
22 µF
0805 (2 mm × 1.25 mm ×1.25 mm)
6.3 V
Murata
GRM188R60J06M
10 µF
0603 (1.6 mm × 0.8 mm × 0.8 mm)
6.3 V
Murata
GRM21BR61A106KE19
10 µF
0805 (2 mm ×1.25 mm × 1.25 mm)
10 V
Murata
GRM21BR60J226ME39L
22 µF
0805 (2 mm ×1.25 mm ×1.25 mm)
6.3 V
9.2.1.2.3
Inductor Selection
The LM3559 is designed to use a 1-µH or 2.2-µH inductor. Table 21 lists various inductors and their
manufacturers that can work well with the LM3559. When the device is boosting (VOUT > VIN) the inductor
typically is the largest area of efficiency loss in the circuit. Therefore, choosing an inductor with the lowest
possible series resistance is important. Additionally, the saturation rating of the inductor must be greater than the
maximum operating peak current of the LM3559. This prevents excess efficiency loss that can occur with
inductors that operate in saturation and prevents overheating of the inductor and further efficiency loss. For
proper inductor operation and circuit performance ensure that the inductor saturation and the peak current limit
setting of the LM3559 is greater than IPEAK in Equation 3:
where
•
ƒSW = 2 MHz
•
Efficiency can be found in Typical Characteristics
(3)
Table 21. Recommended Inductors
MANUFACTURER
L
PART NUMBER
DIMENSIONS (L×W×H)
ISAT
RDC
TOKO
2.2 µH
FDSD0312-H-2R2M
3 mm × 3.2 mm × 1.2 mm
2.3 A
105 m
Ω
TOKO
1 µH
FDSD0312-H-1R0M
3 mm × 3.2 mm × 1.2 mm
3.4 A
43 m
Ω
TOKO
1.5 µH
FDSD0312-H-1R5M
3 mm × 3.2 mm × 1.2 mm
2.8 A
71 m
Ω
TOKO
2.2 µH
FDSD0312-2R2M
3 mm × 3.2 mm × 1.2 mm
2.3 A
145 m
Ω
TOKO
1 µH
FDSD0312-1R0M
3 mm × 3.2 mm × 1.2 mm
3.4 A
70 m
Ω
TDK
1 µH
VLS4012ET-1R0N
4 mm × 4 mm × 1.2 mm
2.8 A
50 m
Ω
TDK
2.2 µH
VLS252012T-2R2M1R3
2 mm × 2.5 mm × 1.2 mm
1.5 A
130 m
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com