Electronic Components Datasheet Search
  English  ▼

X  

LM3559 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM3559
Description  Synchronous Boost Flash Driver
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM3559 Datasheet(HTML) 1 Page - Texas Instruments

  LM3559 Datasheet HTML 1Page - Texas Instruments LM3559 Datasheet HTML 2Page - Texas Instruments LM3559 Datasheet HTML 3Page - Texas Instruments LM3559 Datasheet HTML 4Page - Texas Instruments LM3559 Datasheet HTML 5Page - Texas Instruments LM3559 Datasheet HTML 6Page - Texas Instruments LM3559 Datasheet HTML 7Page - Texas Instruments LM3559 Datasheet HTML 8Page - Texas Instruments LM3559 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
2.5
3.0
3.5
4.0
4.5
5.0
Vin (V)
95.0
90.0
85.0
80.0
75.0
70.0
65.0
60.0
55.0
50.0
45.0
40.0
ILED = 450 mA
ILED=281.25 mA
ILED = 337.5 mA
ILED = 393.75 mA
Copyright © 2016, Texas Instruments Incorporated
HWEN
SCL
SDA
STROBE
TX1/TORCH/GPIO1
IN
OUT
GND
LED1
LED2
LEDI/NTC
SW
TX2/INT/GPIO2
D2
LM3559
Optional Indicator
LED or LED
Thermal Sensing
Circuit
Flash
LEDs
D1
2.5 V to 5.5 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
LM3559
SNVS624B – JUNE 2011 – REVISED JUNE 2016
LM3559 Synchronous Boost Flash Driver With Dual 900-mA High-Side Current Sources
(1.8-A Total Flash Current)
1
1 Features
1
•
Dual High-Side Current Sources Allow for
Grounded Cathode LED Operation
•
Accurate and Programmable LED Current from
28.125 mA to 1.8 A
•
Optimized Flash Current During Low Battery
Conditions
•
Independent LED Current Source Programmability
•
Four Operating Modes: Torch, Flash, Privacy
Indicate, and Message Indicator
•
4-Bit Analog-to-Digital (ADC) for VLED Monitoring
•
Battery Voltage Sensing and Current Scale-Back
•
LED Sensing and Current Scale-Back
•
Hardware Flash and Torch Enable
•
Active-Low Hardware Reset
•
Dual Synchronization Inputs for RF Power
Amplifier Pulse Events
•
LED and Output Disconnect During Shutdown
•
Open and Short LED Detection
•
400-kHz I2C-Compatible Interface
2 Applications
•
Camera Phone LED Flash
•
White LED Biasing
Simplified Schematic
3 Description
The LM3559 is a 2-MHz fixed-frequency synchronous
boost converter with two 900-mA constant current
drivers for high-current white LEDs. The dual high-
side current sources allow for grounded cathode LED
operation and can be tied together for providing flash
currents of up to 1.8 A. An adaptive regulation
method ensures the current for each LED remains in
regulation and maximizes efficiency.
The LM3559 is controlled via an I2C-compatible
interface. Features include: an internal 4-bit ADC to
monitor the LED voltage, independent LED current
control, a hardware flash enable allowing a logic input
to trigger the flash pulse, dual TX inputs which force
the flash pulse into a low-current torch mode allowing
for synchronization to RF power amplifier events or
other
high-current
conditions,
an
integrated
comparator designed to monitor an NTC thermistor
and provide an interrupt to the LED current, an input
voltage monitor to monitor low battery conditions, and
a flash current scale-back feature that actively
monitors the battery voltage and optimizes the flash
current
during
low
battery-voltage
conditions.
Additionally, an active high HWEN input provides a
hardware shutdown during system software failures.
The
2-MHz
switching
frequency,
overvoltage
protection, and adjustable current limit allow for the
use of tiny, low-profile (1-µH or 2.2-µH) inductors and
(10-µF) ceramic capacitors. The device is available in
a ultra-small 16-pin DSBGA package (total solution
size < 26 mm2) and operates over the –40°C to
+85°C temperature range.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM3559
DSBGA (16)
1.96 mm × 1.96 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
LED Efficiency vs VIN Dual LEDs
(Flash Brightness Codes 0x88 - 0xAA)


Similar Part No. - LM3559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3559 TI1-LM3559 Datasheet
2Mb / 42P
LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3559TLE TI1-LM3559TLE Datasheet
2Mb / 42P
LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
LM3559TLX TI1-LM3559TLX Datasheet
2Mb / 42P
LM3559 Synchronous Boost Flash Driver with Dual 900 mA High Side Current Sources (1.8A Total Flash Current)
More results

Similar Description - LM3559

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM3556 TI1-LM3556 Datasheet
138Kb / 5P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
logo
Micrel Semiconductor
MIC2870 MICREL-MIC2870 Datasheet
2Mb / 25P
1.5A Synchronous Boost Flash LED Driver with I2C Interface
logo
Texas Instruments
LM3556 TI1-LM3556_14 Datasheet
1Mb / 31P
1.5A Synchronous Boost LED Flash Driver w/ High-Side Current Source
LM3556 TI1-LM3556_15 Datasheet
1Mb / 39P
Synchronous Boost LED Flash Driver With High-Side Current Source
LM3642 TI1-LM3642_15 Datasheet
974Kb / 30P
Synchronous Boost LED Flash Driver
LM3648 TI1-LM3648 Datasheet
1Mb / 38P
Synchronous Boost LED Flash Driver
LM3560 TI1-LM3560_14 Datasheet
3Mb / 48P
Synchronous Boost Flash Driver
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
EUP2475 EUTECH-EUP2475 Datasheet
66Kb / 1P
1.5A Synchronous Boost LED Flash Driver
logo
Monolithic Power System...
MP3331 MPS-MP3331 Datasheet
641Kb / 25P
2A, Synchronous Boost Flash LED Driver with I2C Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com