Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 20 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 20 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 46 page
background image
(
)
300000
Fm
TPS55383
5
5.6 10
t
V
V
ON
6
IN
OUT
19.7
e
50 10
L
=
é
ù
´
´
-
æ
ö
ê
ú
-
´
+
´
´ ç
÷
ê
ú
ç
÷
è
ø
ê
ú
ë
û
(6)
4
V
Fm
2
10
IN
fc
6
V
Fm
50
10
IN
1
R
LOAD
-
´
´
´
=
´
´
´
+
æ
æ
ö ö
ç
ç
÷ ÷
ç
ç
÷ ÷
è
è
ø ø
(7)
EA
CO
LOAD
OUT
fc
K
20
log
1
2
f
R
C
æ
ö
= -
´
ç
÷
+
p ´
´
´
è
ø
(8)
1
2
3
4
16
15
14
13
PVDD2
BOOT2
SW2
BP
PVDD1
BOOT1
SW1
GND
TPS5538x
5
6
7
12
11
10
SEQ
ILIM2
FB2
EN1
EN2
FB1
L
C
OUT
R1
Output1
R2
C2
(optional)
UDG-08042
8
9
COMP2
COMP1
R
COMP
C
COMP
C1
(optional)
Z
UPPER
Z
LOWER
L
C
OUT
C1
R1
´
=
(9)
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
The overall DC gain of the of the converter control-to-output transfer function is approximated by:
The next step is to find the desired gain of the error amplifier at the desired crossover frequency. Assuming a
single pole roll off, evaluate the following expression at the desired crossover frequency.
Figure 24. Loop Compensation Components
If operating at wide duty cycles (over 50%), a capacitor may be necessary across the upper resistor of the
voltage setting divider. (Ref Figure 24) If duty cycles are less than 50%, this capacitor may be omitted.
If a high ESR capacitor is used in the output filter, a zero appears in the loop response that could lead to
instability. To compensate, a small capacitor is placed in parallel with the lower voltage setting divider resistor
(Ref Figure 24). The value of the capacitor is determined such that a pole is placed at the same frequency as the
ESR zero. If low ESR capacitors are used, this capacitor may be omitted.
20
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com