Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 27 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 27 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments SLMA002 Datasheet HTML 25Page - Texas Instruments SLMA002 Datasheet HTML 26Page - Texas Instruments SLMA002 Datasheet HTML 27Page - Texas Instruments SLMA002 Datasheet HTML 28Page - Texas Instruments SLMA002 Datasheet HTML 29Page - Texas Instruments SLMA002 Datasheet HTML 30Page - Texas Instruments SLMA002 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
2
D(cond)
RMS(outputx)
DS(on)
P
I
R
=
´
(17)
2
P
D(SW) =
(V )
C
f
IN
J
S
2
´
´
(18)
D
D(cond)output1
D(SW )output1
D(cond)output2
D(SW )output2
IN
P
P
P
P
P
V
Iq
=
+
+
+
+
´
(19)
(
)
J
A
D
TH(pkg)
TH(pad amb)
T
T
P
-
=
+
´ q
+ q
(20)
Power Derating
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
Notice the impact of the operating duty cycle on the result.
Multiplying the result by the RDS(on) of the MOSFET gives the conduction loss.
The switching loss is approximated by:
where
• where C
J is the prallel capacitance of the rectifier diode and snubber (if any)
• f
S is the switching frequency
The total power dissipation is found by summing the power loss for both MOSFETs plus the loss in the internal
regulator.
The temperature rise of the device junction depends on the thermal impedance from junction to the mounting pad
(See the Package Dissipation Ratings table), plus the thermal impedance from the thermal pad to ambient. The
thermal impedance from the thermal pad to ambient depends on the PCB layout (PowerPAD interface to the
PCB, the exposed pad area) and airflow (if any). See the PCB Layout Guidelines, Additional References section.
The operating junction temperature is shown in Equation 20.
The TPS5538x delivers full current at ambient temperatures up to +85°C if the thermal impedance from the
thermal pad maintains the junction temperature below the thermal shutdown level. At higher ambient
temperatures, the device power dissipation must be reduced to maintain the junction temperature at or below the
thermal shutdown level. Figure 30 illustrates the power derating for elevated ambient temperature under various
airflow conditions. Note that these curves assume that the PowerPAD is properly soldered to the recommended
thermal pad. (See the References section for further information.)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com