Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 33 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 33 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 29Page - Texas Instruments SLMA002 Datasheet HTML 30Page - Texas Instruments SLMA002 Datasheet HTML 31Page - Texas Instruments SLMA002 Datasheet HTML 32Page - Texas Instruments SLMA002 Datasheet HTML 33Page - Texas Instruments SLMA002 Datasheet HTML 34Page - Texas Instruments SLMA002 Datasheet HTML 35Page - Texas Instruments SLMA002 Datasheet HTML 36Page - Texas Instruments SLMA002 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
(
)
RIPPLE1
RIPPLE1( total)
OUT1
SW
max
RIPPLE1
I
0.661A
V
0.050 V
8
C
f
8
8.2 F
600 kHz
ESR1
0.024
F
I
0.661A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
´
´
´
m
´
è
ø
è
ø
=
=
=
W
(42)
(
)
RIPPLE
RIPPLE(total)
OUT1
SW
max
RIPPLE
I
0.547 A
V
0.050 V
8
C
f
8 12.4 F
600 kHz
ESR
0.033
F
I
0.547 A
æ
ö
æ
ö
-
-
ç
÷
ç
÷
´
´
´
m
´
è
ø
è
ø
=
=
=
W
(43)
(
)
(
)
RMS _ CIN
OUT
I
I
D
1 D
3 A
0.5
1
0.5
1.5 A
=
´
´
-
=
´
´
-
=
(44)
FB
FB
BIAS
OUT
FB
V
R
R
V
V
´
=
-
(45)
(
)
6
6
7
ON
3
M1
1.5 10
t
(1.5 10
6.68 10
)
6
6
IN
OUT1
600000
600000
F
5.82 10
13.2
5.0
V
V
19.7
e
50 10
19.7
e
50 10
8.2 H
L
-
´
´
´
´
´
-
-
=
=
=
´
æ
ö
-
-
æ
ö
´
+
´
´
´
+
´
´
ç
÷
ç
÷
m
è
ø
è
ø
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
The maximum ESR to meet the ripple specification is given by:
A single 22-
µF ceramic capacitor with approximately 2.5 mΩ of ESR is selected to provide sufficient margin for
capacitance loss due to DC voltage bias.
Input Capacitor Selection
The TPS55386 datasheet recommends a 10
µF (minimum) ceramic bypass capacitor on each PVDD pin. While
out of phase operation reduces input RMS current, the input capacitors must be sized to support the greater of
the two input RMS currents, or 1.5A to allow operation when one channel is at maximum load and the other is
un-loaded. The ceramic capacitor must handle the RMS input ripple current of the converter.
The RMS current in the input capacitors is estimated by:
One 1210 size 10-
µF, 25-V, X5R ceramic capacitor with a 2-mΩ ESR and a 2-A RMS current rating are selected
to bypass each PVDD input. Higher voltage capacitors minimize capacitance loss under DC bias voltage,
ensuring the capacitors have sufficient capacitance at their working voltage.
Voltage Feedback
The primary feedback divider resistor (RFB) from VOUT to FB should be selected between 10 kΩ and 100 kΩ to
maintain a balance between power dissipation and noise sensitivity. For a 3.3-V and 5-V output, 20.5 k
Ω is
selected, so the lower resistor is given by:
For RFB = R2 = R9 = 20.5 kΩ and VFB = 0.80V, RBIAS1 = 3.90kΩ and RBIAS2 = 6.5kΩ (R4 = 3.83kΩ and
R7 = 6.49 k
Ω selected) for 5.0 V and 3.3 V respectively.
Compensation Components
The TPS55386 controller uses an internal transconductance error amplifier, which compares the feedback
voltage to the internal 0.80-V reference and sources a current proportional to the resulting error out of the COMP
pin. A series resistor and capacitor to ground generate an integrator with zero while a high frequency capacitor
provides a second pole to reduce the high frequency gain. The compensation loop components are selected by
the following equations with the 5.0-V output used in example calculations:
Calculate the modulator gain at DC:
(46)
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
33
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com