Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 23 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 23 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments SLMA002 Datasheet HTML 25Page - Texas Instruments SLMA002 Datasheet HTML 26Page - Texas Instruments SLMA002 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 46 page
background image
Output Overload Protection
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
SW Node Snubber
Voltage ringing at the SW node is caused by fast switching edges and parasitic inductance and capacitance. If
the ringing results in excessive voltage on the SW node, or erratic operation of the converter, an R-C snubber
may be used to dampen the ringing and ensure proper operation over the full load range.
DESIGN HINT
A series-connected R-C snubber (C = between 330 pF and 1 nF, R = 10
Ω)
connected from SW to GND reduces the ringing on the SW node.
Bootstrap Resistor
A small resistor in series with the bootstrap capacitor reduces the turn-on time of the internal MOSFET, thereby
reducing the rising edge ringing of the SW node.
DESIGN HINT
A resistor with a value between 1
Ω and 3 Ω may be placed in series with the
bootstrap capacitor to reduce ringing on the SW node.
DESIGN HINT
Placeholders for these components should be placed on the initial prototype PCBs in
case they are needed.
In the event of an overcurrent during soft-start on either output (such as starting into an output short),
pulse-by-pulse current limiting and PWM frequency division are in effect for that output until the internal soft-start
timer ends. At the end of the soft-start time, a UV fault is declared. During this fault, both PWM outputs are
disabled and the small pulldown MOSFETs (from SWx to GND) are turned ON. This process ensures that both
outputs discharge to GND in the event that overcurrent is on one output while the other is not loaded. The
converter then enters a hiccup mode timeout before attempting to restart. Frequency Division describes a
condition when an overcurrent pulse is detected and six clock cycles are skipped before a next PWM pulse is
initiated, effectively dividing the operating frequency by six and preventing excessive current build up in the
inductor.
In the event of an overcurrent condition on either output after the output reaches regulation, pulse-by-pulse
current limit is in effect for that output. In addition, an output undervoltage (UV) comparator monitors the FBx
voltage (that follows the output voltage) to declare a fault if the output drops below 85% of regulation. During this
fault condition, both PWM outputs are disabled and the small pulldown MOSFETs (from SWx to GND) are turned
ON. This design ensures that both outputs discharge to GND, in the event that overcurrent is on one output while
the other is not loaded. The converter then enters a hiccup mode timeout before attempting to restart.
The overcurrent threshold for Output 1 is set nominally at 4.5 A. The overcurrent level of Output 2 is determined
by the state of the ILIM2 pin. The ILIM setting of Output 2 is not latched in place and may be changed during
operation of the converter.
Table 2. Current Limit Threshold Adjustment for
Output 2
ILIM2 Connection
OCP Threshold for Output 2
BP
4.5 A nominal setting
(floating)
3.0 A nominal setting
GND
1.5 A nominal setting
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
23
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com