Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 16 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 16 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 46 page
background image
5-V VOUT1
(2 V/div)
3.3-V VOUT2
(2 V/div)
T - Time - 1 ms/div
Soft Start
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
If the SEQ pin is left floating, Output 1 and Output 2 each start ratiometrically when both outputs are enabled at
the same time. Output 1 and Output 2 soft start at a rate that is determined by the respective final output
voltages and enter regulation at the same time. If the EN1 and EN2 pins are allowed to operate independently,
then the two outputs also operate independently.
Figure 20. SEQ Pin Floating
Each output has a dedicated soft-start circuit. The soft-start voltage is an internal digital reference ramp to one of
two noninverting inputs of the error amplifier. The other input is the (internal) precision 0.8-V reference. The total
ramp time for the FB voltage to charge from 0 V to 0.8 V is about 2.1 ms. During a soft-start interval, the
TPS5538x output slowly increases the voltage to the noninverting input of the error amplifier. In this way, the
output voltage ramps up slowly until the voltage on the noninverting input to the error amplifier reaches the
internal 0.8-V reference voltage. At that time, the voltage at the noninverting input to the error amplifier remains
at the reference voltage.
During the soft-start interval, pulse-by-pulse current limiting is in effect. If an overcurrent pulse is detected, six
PWM pulses are skipped to allow the inductor current to decay before another PWM pulse is applied. (See the
Output Overload Protection section.) There is no pulse skipping if a current limit pulse is not detected.
DESIGN HINT
If the rate of rise of the input voltage (PVDDx) is such that the input voltage is too low
to support the desired regulation voltage by the time soft-start has completed, then
the output UV circuit may trip and cause a hiccup in the output voltage. In this case,
use a timed delay startup from the ENx pin to delay the startup of the output until the
PVDDx voltage has the capability of supporting the desired regulation voltage. See
Operating Near Maximum Duty Cycle and Maximum Output Capacitance for related
information.
16
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com