Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 30 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 30 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 26Page - Texas Instruments SLMA002 Datasheet HTML 27Page - Texas Instruments SLMA002 Datasheet HTML 28Page - Texas Instruments SLMA002 Datasheet HTML 29Page - Texas Instruments SLMA002 Datasheet HTML 30Page - Texas Instruments SLMA002 Datasheet HTML 31Page - Texas Instruments SLMA002 Datasheet HTML 32Page - Texas Instruments SLMA002 Datasheet HTML 33Page - Texas Instruments SLMA002 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
DESIGN EXAMPLES
Example 1: Detailed Design of a 12-V to 5-V and 3.3-V Converter
DESIGN EXAMPLE 1 GENERAL DESCRIPTION
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
The following example illustrates a design process and component selection for a 12-V to 5-V and 3.3-V dual
non-synchronous buck regulator using the TPS55386 converter. Design Example, and List of Materials is found
at the end of this section.
PARAMETER
NOTES AND CONDITIONS
MIN
NOM
MAX
UNIT
INPUT CHARACTERISTICS
VIN
Input Voltage
9.6
12.0
13.2
V
IIN
Input Current
VIN = Nom, IOUT1 = IOUT2 = Max
2.4
2.6
A
No Load Input Current
VIN = Nom, IOUT = 0 A
12
20
mA
VIN_UVLO
Input UVLO
IOUT = Min to Max
4.0
4.2
4.4
V
OUTPUT CHARACTERISTICS
VOUT1
Output Voltage 1
VIN = Nom, IOUT = Nom
4.80
5.0
5.20
V
VOUT2
Output Voltage 2
VIN = Nom, IOUT = Nom
3.20
3.3
3.40
V
Line Regulation
VIN = Min to Max
1%
Load Regulation
IOUT = Min to Max
1%
VOUT_ripple
Output Voltage Ripple
VIN = Nom, IOUT = Max
50
mVpp
IOUT1
Output Current 1
VIN = Min to Max
0
3.0
A
IOUT2
Output Current 2
VIN = Min to Max
0
3.0
A
IOCP1
Output Over Current Channel 1
VIN = Nom, VOUT = VOUT1–5%
3.3
4.2
5.2
A
IOCP2
Output Over Current Channel 2
VIN = Nom, VOUT = VOUT2–5%
3.3
4.2
5.2
A
Transient Response
ΔVout from load transient
ΔIOUT = 1 A at 3 A/µs
200
mV
Settling Time
To 1% of Vout
1
ms
SYSTEM CHARACTERISTICS
fSW
Switching Frequency
500
600
700
kHz
η
pk
Peak Efficiency
VIN = Nom, IOUT1 = IOUT2
93%
η
Full Load Efficiency
VIN = Nom, IOUT1 = IOUT2 = Max
86%
Top
Operating Temperature Range
VIN = Min to Max, IOUT = Min to Max
0
25
60
°C
Figure 33. Design Example Schematic
30
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com