Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 35 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 35 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 31Page - Texas Instruments SLMA002 Datasheet HTML 32Page - Texas Instruments SLMA002 Datasheet HTML 33Page - Texas Instruments SLMA002 Datasheet HTML 34Page - Texas Instruments SLMA002 Datasheet HTML 35Page - Texas Instruments SLMA002 Datasheet HTML 36Page - Texas Instruments SLMA002 Datasheet HTML 37Page - Texas Instruments SLMA002 Datasheet HTML 38Page - Texas Instruments SLMA002 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
(
)
(
)
(
)
(
) (
)
(
)
2
2
2
CON1
OUT
DS on
QSW RMS
DS on
P
R
I
R
I
D
0.085
3 A
0.540
0.562 W
=
´
»
´
´
=
W ´
´
=
(53)
(
)
(
)
(
)
(
) (
)
(
)
2
2
2
CON2
OUT
DS on
QSW RMS
DS on
P
R
I
R
I
D
0.085
3 A
0.370
0.465 W
=
´
»
´
´
=
W ´
´
=
(54)
(
)
(
)
(
)
2
2
Dj
OSS
SW
IN max
SW1
SW 2
V
(C
C
)
f
13.2
(200 pF
250 pF)
600 kHz
P
P
23.5 mW
2
2
´
+
´
´
+
´
=
»
=
=
(55)
(
)
(
)
(
)
REG
DD
BP
BP
IN max
IN max
P
I
V
I
V
V
5 mA
13.2 V
66 mW
»
´
+
´
-
=
´
=
(56)
DESIGN EXAMPLE 1 TEST RESULTS
0.15
75
70
1.15
85
80
90
100
95
0.65
1.65
2.65
2.15
3.15
14
8
12
V
IN
(V)
V
IN
= 14 V
V
IN
= 12 V
V
IN
= 8 V
I
LOAD
– Load Current – A
V
OUT
= 5 V
0.15
1.15
0.65
1.65
2.65
2.15
3.15
I
LOAD
– Load Current – A
75
70
85
80
90
100
95
14
8
12
V
IN
(V)
V
IN
= 14 V
V
IN
= 12 V
V
IN
= 8 V
V
OUT
= 3.3 V
TPS55383
,, TPS55386
www.ti.com ......................................................................................................................................................................................... SLUS818 – SEPTEMBER 2008
Power Dissipation
The power dissipation in the TPS55386 is from FET conduction losses, switching losses and regulator losses.
Conduction losses are estimated by:
The switching losses are estimated by:
The regulator losses are estimated by:
Total power dissipation in the device is the sum of conduction and switching losses for both channels plus
regulator losses, and are estimated to total 1.2 W.
EFFICIENCY
EFFICIENCY
vs
vs
LOAD CURRENT
LOAD CURRENT
Figure 34.
Figure 35.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
35
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com