Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 4 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 4 Page - Texas Instruments

  SLMA002 Datasheet HTML 1Page - Texas Instruments SLMA002 Datasheet HTML 2Page - Texas Instruments SLMA002 Datasheet HTML 3Page - Texas Instruments SLMA002 Datasheet HTML 4Page - Texas Instruments SLMA002 Datasheet HTML 5Page - Texas Instruments SLMA002 Datasheet HTML 6Page - Texas Instruments SLMA002 Datasheet HTML 7Page - Texas Instruments SLMA002 Datasheet HTML 8Page - Texas Instruments SLMA002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
ELECTRICAL CHARACTERISTICS
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
–40°C
≤ TJ ≤ +125°C, VPVDD1 = VPVDD2 = 12 V, unless otherwise noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INPUT SUPPLY (PVDD)
VPVDD1
Input voltage range
4.5
28
V
VPVDD2
IDDSDN
Shutdown
VEN1 = VEN2 = VPVDD2
70
150
µA
IDDQ
Quiescent, non-switching
VFB = 0.9 V, Outputs OFF
1.8
3.0
mA
SW node unloaded; Measured as BP sink
IDDSW
Quiescent, while-switching
5
current
VUVLO
Minimum turn-on voltage
PVDD2 only
3.8
4.1
4.4
V
VUVLO(hys)
Hysteresis
400
600
mV
CBP = 10 µF, EN1 and EN2 go low
tSTART
(1) (2)
Time from startup to softstart begin
2
ms
simultaneously
ENABLE (EN)
VEN1, VEN2
Enable threshold
0.9
1.2
1.5
V
Enable threshold hysteresis(1)
50
mV
IEN1. IEN2
Enable pull-up current
VEN1 = VEN2 = 0 V
6
12
µA
tEN
(1)
Time from enable to soft-start begin
Other EN pin = GND
10
µs
BP REGULATOR (BP)
BP
Regulator voltage
8 V < PVDD2 < 28 V
5
5.25
5.6
V
PVDD2 = 4.5 V; switching, no external load on
BPLDO
Dropout voltage
400
550
mV
BP
IBP
(1)
Regulator external load
2
mA
IBPS
Regulator short circuit
4.5 V < PVDD2 < 28 V
10
20
30
OSCILLATOR
TPS55383
255
310
375
fSW
Switching frequency
kHz
TPS55386
510
630
750
tDEAD
(1)
Clock dead time
140
ns
ERROR AMPLIFIER (EA) and VOLTAGE REFERENCE (REF)
0°C < TJ < +85°C
786
800
812
VFB1, VFB2
Feedback input voltage
mV
–40°C < TJ < +125°C
784
812
IFB1, IFB2
Feedback input bias current
3
50
nA
gM1, gM2
(1)
Error Amplifier transconductance
220
315
420
µS
fp1, fp2
(1)
Error Amplifier dominant pole frequency
5
6
kHz
ISINK(COMP1),
Error Amplifier sink current capability
VFB1 = VFB2 = 0.9V, VCOMP = 2 V
15
30
40
µA
ISINK(COMP2)
ISRC(COMP1),
Error Amplifier source current capability
VFB1 = VFB2 = 0.7V, VCOMP = 0 V
15
30
40
µA
ISRC(COMP2)
SOFT START (SS)
TSS1, TSS2
Soft start time
1.5
2.1
2.7
ms
(1)
Ensured by design. Not production tested.
(2)
When both outputs are started simultaneously, a 20-mA current source charges the BP capacitor. Faster times are possible with a lower
BP capacitor value. More information can be found in the Input UVLO and Startup section.
4
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com