Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 14 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 14 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 10Page - Texas Instruments SLMA002 Datasheet HTML 11Page - Texas Instruments SLMA002 Datasheet HTML 12Page - Texas Instruments SLMA002 Datasheet HTML 13Page - Texas Instruments SLMA002 Datasheet HTML 14Page - Texas Instruments SLMA002 Datasheet HTML 15Page - Texas Instruments SLMA002 Datasheet HTML 16Page - Texas Instruments SLMA002 Datasheet HTML 17Page - Texas Instruments SLMA002 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 46 page
background image
DELAY
IN
ENx
TH
ENx
t
C
farads
V
2 I
R
R
n
V
I
R
=
æ
ö
-
´
´
´
ç
÷
-
´
è
ø
l
(1)
TPS5538x
ENx
C
R
+
VDD2
VDDx
5 mA
1.25 V
T
Time
-
t
DELAY
0
t
DELAY
+t
SS
PVDDx
ENx
V
OUTx
1.2-V
Threshold
Output Voltage Sequencing
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
where:
• R and C are the timing components
• V
TH is the 1.2-V enable threshold voltage
• I
ENx is the 6 µA enable pin biasing current
Additional enable pin functionality is dictated by the state of the SEQ pin. (See the Output Voltage Sequencing
section.)
Figure 16. Startup Delay Schematic
Figure 17. Startup Delay with R-C on Enable
DESIGN HINT
If delayed output voltage startup is not necessary, simply connect EN1 and EN2 to
GND. This configuration allows the outputs to start immediately on valid application of
PVDD2.
If ENx is allowed to go high after the Outputx has been in regulation, the upper MOSFET shuts off, and the
output decays at a rate determined by the output capacitor and the load. The internal pulldown MOSFET remains
in the OFF state. (See the Bootstrap for N-Channel MOSFET section.)
The TPS5538x allows single-pin programming of output voltage startup sequencing. During power-on, the state
of the SEQ pin is detected. Based on whether the pin is tied to BP, to GND, or left floating, the outputs function
as described in Table 1.
14
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com