Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 32 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 32 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 28Page - Texas Instruments SLMA002 Datasheet HTML 29Page - Texas Instruments SLMA002 Datasheet HTML 30Page - Texas Instruments SLMA002 Datasheet HTML 31Page - Texas Instruments SLMA002 Datasheet HTML 32Page - Texas Instruments SLMA002 Datasheet HTML 33Page - Texas Instruments SLMA002 Datasheet HTML 34Page - Texas Instruments SLMA002 Datasheet HTML 35Page - Texas Instruments SLMA002 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 46 page
background image
(
)
(
)
1
1
RIPPLE
L1 peak
OUT1 max
2
2
I
I
I
3.0 A
0.661A
3.3 A
»
+
=
+
=
(32)
(
)
(
)
1
1
RIPPLE
L2 peak
OUT2 max
2
2
I
I
I
3.0 A
0.547 A
3.3 A
»
+
=
+
=
(33)
(
) (
)
(
)
(
)
IN max
BR R min
IN max
V
V
1.25
V
1.25 13.2 V
16.5 V
0.8
³
=
´
=
´
=
(34)
(
)
(
)
(
)
MIN1
D1 avg
OUT1 max
I
I
1 D
3.0 A
(1
0.397)
1.81A
»
´
-
=
´
-
=
(35)
(
)
(
)
(
)
MIN2
D2 avg
OUT2 max
I
I
1 D
3.0 A
(1
0.272)
2.18 A
»
´
-
=
´
-
=
(36)
(
)
(
)
D peak
L peak
I
I
=
(37)
(
)
(
)
FM
D1 max
D1 avg
P
V
I
0.4 V
1.81
0.72 W
»
´
»
´
=
(38)
D2(max)
FM
D2(avg)
P
V
I
0.4V
2.18
0.87W
»
´
»
´
=
(39)
(
)
(
)
(
)
(
)
(
)
2
2
TRAN MAX
OUT1 min
OUT1
OVER
I
L
1A
8.2 H
C
8.2 F
5.0 V
0.2 V
V
V
´
´
m
=
=
=
m
´
´
(40)
(
)
(
)
(
)
(
)
(
)
2
2
TRAN MAX
OUT2 min
OUT2
OVER
I
L
1A
8.2 H
C
12.4 F
3.3 V
0.2 V
V
V
´
´
m
=
=
=
m
´
´
(41)
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
A DC current with 30% peak to peak ripple has an RMS current approximately 0.4% above the average current.
The peak inductor current is estimated by:
An 8.2-
µH inductor with a minimum RMS current rating of 3.0 A and minimum saturation current rating of 3.3 A
must be selected. A Coilcraft MSS1048-822ML 8.2-
µH, 4.38-A inductor is chosen for both outputs.
Rectifier Diode Selection
A low forward voltage drop schottky diode is used as a rectifier diode to minimize power dissipation and
maximize efficiency.
Allowing 20% over VIN for ringing on the switch node, the rectifier diode’s minimum reverse break-down voltage
is given by:
Reviewing 20-V and 30-V schottky diodes, the MBRS330T3, 30-V, 3-A diodes in an SMC package are selected
for both channels. This diode has a forward voltage drop of 0.4 V at 3 A, so the conduction power dissipation is:
For this design, the maximum power dissipation is estimated as 0.72 W and 0.87 W respectively.
Output Capacitor Selection
Output capacitors are selected to support load transients and output ripple current. The minimum output
capacitance to meet the transient specification is given by:
32
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com