Electronic Components Datasheet Search
  English  ▼

X  

SLMA002 Datasheet(PDF) 22 Page - Texas Instruments

Part # SLMA002
Description  3-A DUAL NON-SYNCHRONOUS CONVERTER WITH INTEGRATED HIGH-SIDE MOSFET AND EXTERNAL COMPENSATION
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SLMA002 Datasheet(HTML) 22 Page - Texas Instruments

Back Button SLMA002 Datasheet HTML 18Page - Texas Instruments SLMA002 Datasheet HTML 19Page - Texas Instruments SLMA002 Datasheet HTML 20Page - Texas Instruments SLMA002 Datasheet HTML 21Page - Texas Instruments SLMA002 Datasheet HTML 22Page - Texas Instruments SLMA002 Datasheet HTML 23Page - Texas Instruments SLMA002 Datasheet HTML 24Page - Texas Instruments SLMA002 Datasheet HTML 25Page - Texas Instruments SLMA002 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 46 page
background image
OUT
DIODE
IN
DIODE
V
V
V
V
+
d =
+
(14)
Light Load Operation
I
DCM =
´
1
2
´ d ´
T
S
V
V
IN
OUT
-
L
(15)
Inductor
Current
V
OUT
Ripple
SW Waveform
Steady State
V
IN
= 12 V
V
OUT
= 5 V
SW Waveform
V
OUT
Ripple
Inductor
Current
Skipping
V
IN
= 12 V
V
OUT
= 5 V
SW Node Ringing
TPS55383
,, TPS55386
SLUS818 – SEPTEMBER 2008 ......................................................................................................................................................................................... www.ti.com
DESIGN HINT
Ensure that under ALL conditions of line and load regulation, there is sufficient duty
cycle to maintain output voltage regulation.
To calculate the operating duty cycle, use Equation 14.
where
• V
DIODE is the forward voltage drop of the rectifier diode
There is no special circuitry for pulse skipping at light loads. The normal characteristic of a nonsynchronous
converter is to operate in the discontinuous conduction mode (DCM) at an average load current less than
one-half of the inductor peak-to-peak ripple current. Note that the amplitude of the ripple current is a function of
input voltage, output voltage, inductor value, and operating frequency, as shown in Equation 15.
During discontinuous mode operation the commanded pulse width may become narrower than the capability of
the converter to resolve. To maintain the output voltage within regulation, skipping switching pulses at light load
conditions is a natural by-product of that mode. This condition may occur if the output capacitor is charged to a
value greater than the output regulation voltage and there is insufficient load to discharge the capacitor. A
by-product of pulse skipping is an increase in the peak-to-peak output ripple voltage.
Figure 25. Steady State
Figure 26. Skipping
DESIGN HINT
If additional output capacitance is required to reduce the output voltage ripple during
DCM operation, be sure to recheck the Maximum Output Capacitance section.
A portion of the control circuitry is referenced to the SW node. To ensure jitter-free operation, it is necessary to
decrease the voltage waveform ringing at the SW node to less than 5-V peak and of a duration of less than
30-ns. In addition to following good printed circuit board (PCB) layout practices, there are a couple of design
techniques for reducing ringing and noise.
22
Submit Documentation Feedback
Copyright © 2008, Texas Instruments Incorporated
Product Folder Link(s): TPS55383 TPS55386



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com